Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 38 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 38 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 34Page - Intel Corporation SCD1283 Datasheet HTML 35Page - Intel Corporation SCD1283 Datasheet HTML 36Page - Intel Corporation SCD1283 Datasheet HTML 37Page - Intel Corporation SCD1283 Datasheet HTML 38Page - Intel Corporation SCD1283 Datasheet HTML 39Page - Intel Corporation SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation SCD1283 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
38
Datasheet
5.5.6
Manual Mode
Manual mode allows direct control of the five output control signals and the PD bus. It is not
intended for data transfers, but rather for advanced diagnostics. Enter Manual mode by setting the
ManMd bit (PCR[7]) when the interface is in Compatibility mode.
The MMDir bit (PCR[1]) sets the direction of the PD bus: 0
= input; 1 = output. When the MMDir
bit is set to ‘1’, data for the PD bus comes from the MDR. The ManOE bit controls the tristate
buffer on the PD bus: 0
= floating; 1 = driving. When MMDir is ‘0’, ManOE is ignored, PD[7:0]
are inputs, and the data can be read in the MDR.
5.5.7
Control Signals
Output signals are controlled by the OVR. The degree of control depends on the current mode. In
Manual mode, all five signals are under user control. In Compatible and EPP modes, only three
signals are available, the others are set by the state machine.
IVR, ZDR, ODR, and SSR monitor the four input signals. These four registers have a common
format. The IVR always shows the values of the four input pins. ZDR and ODR allow the user to
force interrupts on specific signal transitions. Bits set in the ZDR generate an interrupt, if the
specified signal changes from ‘1’ to ‘0’. Similarly, bits set in the ODR generate an interrupt if the
specified signal changes from ‘0’ to ‘1’. When both bits are set, interrupts are generated on either
transition. The SSR shows the status of signal changes according to ZDR and ODR. SSR shows
which signal changed. (It is necessary for the user to read the IVR to determine how the signal
changed.) The signal change interrupt is enabled with the SigCh bit (PCIER[4]).
Figure 8. FIFO Data Path Functional Diagram: Transmit
DB[15:8]
DB[7:0]
(TRANSMIT)
FIFO (64 BYTES)
TAG (64 BITS)
PFSR
TAG
TAG
TAG BIT
STATUS
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com