Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 92 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 92 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 86Page - Intel Corporation SCD1283 Datasheet HTML 87Page - Intel Corporation SCD1283 Datasheet HTML 88Page - Intel Corporation SCD1283 Datasheet HTML 89Page - Intel Corporation SCD1283 Datasheet HTML 90Page - Intel Corporation SCD1283 Datasheet HTML 91Page - Intel Corporation SCD1283 Datasheet HTML 92Page - Intel Corporation SCD1283 Datasheet HTML 93Page - Intel Corporation SCD1283 Datasheet HTML 94Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Datasheet
93
Index
A
abbreviations 11
absolute maximum ratings 76
AC characteristics 78
acronyms 11
ASCII code tables
decimal 52
hexadecimal 51
B
bus interface 33
BYTESWAP 34
C
cable connection 43
Compatibility mode status 40
context 32
context switch
hardware-activated 32
control signal generation 31
control signals 38
conventions 11
CPU interface 22, 44
D
daisy-chaining 26
data pipeline 32
data transfers 40
decimal code tables 52
definitions
host 36
master 36
peripheral 36
slave 36
device architecture 22
device reset 47
E
ECP mode 34
electrical specifications 76
endian format 25
EPP mode 38
external buffer control 44
F
failed negotiation 39
FIFO data path
receive 37
transmit 38
functional block diagram 23
functional description 22
G
general-purpose I/O port 42
H
hardware configurations
interfacing to a Motorola microprocessor-
based system 46
interfacing to an Intel microprocessor-
based system 45
hardware-activated context switch. See con-
text switch 32
hexadecimal code tables 51
I
ID request 41
IEEE Standards Department 33
IEEE STD 1284 33, 36
IEEE STD 1284 protocol negotiations 39
initialization, CD1283 47
interface 34
parallel port 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com