Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 44 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 44 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation SCD1283 Datasheet HTML 42Page - Intel Corporation SCD1283 Datasheet HTML 43Page - Intel Corporation SCD1283 Datasheet HTML 44Page - Intel Corporation SCD1283 Datasheet HTML 45Page - Intel Corporation SCD1283 Datasheet HTML 46Page - Intel Corporation SCD1283 Datasheet HTML 47Page - Intel Corporation SCD1283 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
44
Datasheet
5.10
Hardware Configurations
The simplicity of the CPU interface to the CD1283 allows the device to be designed into systems
that employ popular microprocessors such as the Intel 80x86 family (8086, 80286, 80386, and so
on) and the Motorolafamily (68000, 68010, 68020, and so on).
An example of CD1283 configuration for a laser-printer application is shown in Figure 12. This
example provides a parallel interface, as well as general-purpose I/O for static control/status.
Figure 11. External Buffer Control
G
DIR
BA
TO CABLE
TO CD1283
PDBEN
EBDIR
Impedance matching and protection
circuitry (Figure 10) as required for the
74AS245.
Figure 12. Sample System Block Diagram
CD1283
ROM
ADDRESS BUS
DATA BUS
CONTROL
PROCESSOR
IEEE 1284
PARALLEL CHANNEL
GENERAL-PURPOSE I/O:
INTERNAL STATUS
AND CONTROL
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com