Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 78 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 78 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation SCD1283 Datasheet HTML 79Page - Intel Corporation SCD1283 Datasheet HTML 80Page - Intel Corporation SCD1283 Datasheet HTML 81Page - Intel Corporation SCD1283 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
78
Datasheet
8.3
AC Characteristics
8.3.1
Asynchronous Timing
Refer to Figure 17 through Figure 25 for the reference numbers in Table 12.
(@ VCC = 5 V ± 5%, TA = 0°C to 70°C)
Table 12. Asynchronous Timing Reference Parameters (Sheet 1 of 2)
Timing
No.
Figure
Parameter
MIN
MAX
Unit
t1
17
RESET*1 low pulse width
10
TCLK
t2
19
Address setup time to CS* or DS*
10
ns
t3
19
R/W* setup time to CS* or DS*
10
ns
t4
19
Address hold time after CS*
0
ns
t5
19
R/W* hold time after CS*
0
ns
t6
19
DTACK* low to read data valid
10
ns
t7
19
DTACK* low from CS* or DS 2
2 TCLK
4 TCLK + 30
ns
t8
19
Data bus tristate after CS* or DS* high
0
30
ns
t9
19
CS* or DGRANT* high from DTACK* low
0
ns
t10
19
DTACK* inactive from CS* or DGRANT* and DS* high
40
ns
t11
19
DS* high pulse width
10
ns
t12
20
Write data valid from CS* and DS* low
1TCLK
ns
t13
20
Write data hold time after DS* high
0
ns
t14
18
Clock period (TCLK)
1, 3
40.0
1000
ns
t15
18
Clock low time1
0.3 TCLK
0.7 TCLK
ns
t16
18
Clock high time 1
0.3 TCLK
0.7 TCLK
ns
t17
21
Propagation delay, DGRANT* and DS* to DPASS*
35
ns
t18
21
Setup time, SVCACK* to DS* and DGRANT*
10
ns
t19
22
Setup time, DMAACK* to rising edge of CLK
10
ns
t20
22
Hold time, read data after rising edge of CLK
10
30
ns
t21
24
Setup time, write data to rising edge of CLK
0
ns
t22
19
DTACK* active pull-up time4
ns
t23
22
Data valid after falling edge of CLK (DMA read)
25
ns
t24
22
24
Hold time, DMAREQ* after DMAACK* falling edge,
last DMA cycle
10
1 CLK
+ 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com