Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 19 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 19 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 15Page - Intel Corporation SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation SCD1283 Datasheet HTML 18Page - Intel Corporation SCD1283 Datasheet HTML 19Page - Intel Corporation SCD1283 Datasheet HTML 20Page - Intel Corporation SCD1283 Datasheet HTML 21Page - Intel Corporation SCD1283 Datasheet HTML 22Page - Intel Corporation SCD1283 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
19
4.0
Register Summary
Local CPU communication with the CD1283 occurs through a register set. Within this register set,
there are four types of registers:
• Global, common to all functions of the device
• Parallel pipeline
• Parallel port
• Service-acknowledge accessible
Global registers are always available to the CPU and their addresses are not affected by the
contents of the AER (this register is provided to maintain compatibility with the CD1284).
Note:
AER must be set to ‘00h’ and must not be changed (except to access RCR), or access to many
registers will not work properly!
The following tables define the register names, read and write access modes, internal address
offsets, and bit definitions. A detailed description of each register, its contents and functions can be
found in Chapter 7.0 The address offset defined is the binary value that should be applied to the
address inputs (A[6:0]) during I/O cycles.
Note that the addresses are shown relative to the CD1283 definition of address lines. In 16- and 32-
bit systems, it is a common practice to connect 8-bit peripherals to only one byte lane. Thus, in 16-
bit systems, the CD1283 appears at every other address (for example, the CD1283 A[0] input is
connected to CPU A[1]). In 32-bit systems, the CD1283 appears at every fourth address (CD1283
A[0] is connected to CPU A[2]). In either of these cases, the address used by the programmer will
be different than what is shown in the tables. For instance, in a 16-bit Motorola68000-based
system, the CD1283 is placed on data lines D[7:0], which are at odd addresses in the Motorola
scheme of addressing. The CD1283 A[0] input is connected with A[1] of the 68000, A[1] with
A[2], and so on. Thus, the CD1283 address 0x40 becomes 0x81 to the programmer. It is left-
shifted one bit and A[0] must be ‘1’ for low-byte (D[7:0]) accesses.
4.1
Register Summary Tables
Table 1.
Global Registers
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
AER
68
Poll
Poll
Poll
Poll
Poll
0
0
0
53
GFRCR
4F
Firmware Revision Code
53
GPDIR
71
Dir 7
Dir 6
Dir 5
Dir 4
Dir 3
Dir 2
Dir 1
Dir 0
54
GPIO
70
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
54
PIR
61
PPIreq
PPort
Pipeline
0
0
0
0
0
54
PPR
7E
Binary Value
55
SVRR
67
DMAREQ
n/u
n/u
n/u
SRP
n/u
n/u
n/u
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com