Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 57 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 57 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 53Page - Intel Corporation SCD1283 Datasheet HTML 54Page - Intel Corporation SCD1283 Datasheet HTML 55Page - Intel Corporation SCD1283 Datasheet HTML 56Page - Intel Corporation SCD1283 Datasheet HTML 57Page - Intel Corporation SCD1283 Datasheet HTML 58Page - Intel Corporation SCD1283 Datasheet HTML 59Page - Intel Corporation SCD1283 Datasheet HTML 60Page - Intel Corporation SCD1283 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
57
7.3
Parallel Pipeline Registers
7.3.1
Data Error Register
The bits in this read-only register indicate read/write errors involving the DMA Buffer register and
the Data Pipeline registers. The DataErr bit in PFSR is the logical OR of these eight Error Status
bits.
A read of this register has no effect on the error status. A write to this register clears all bits; they
are not individually writable by the user. Host software should clear this register (write x’00) after
completing an error service-acknowledge procedure. This bit is provided primarily as an aid to
driver software development. Under normal circumstances, data errors should never occur. This
register is cleared during device reset.
001
Invalid.
•••
0
1
1
1
0
0
The parallel channel state machine requests service.
1
0
1
The parallel channel data pipeline requests service.
1
1
0
Both the parallel port state machine and the parallel port data pipeline
request service.
1
1
1
Invalid.
Table 10. PIVR[2:0] Encoding
IT2
IT1
IT0
Description
Register Name: DER
Register Description: Data Error
Access: Read only
8-Bit Hex Address: 33
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
DMAwrerr
DMArderr
Bufwrerr
Bufrderr
HR1wrerr
HR1rderr
HR2wrerr
HR2rderr
Bit
Description
7
DMA Write Error: This bit is set if the DMA control logic has written to the DMA buffer when it already contains
data. It indicates that an invalid DMA transfer cycle occurred (a DMAACK* without a corresponding DMAREQ*).
6
DMA Read Error: As with bit 7, this bit indicates that DMA logic has performed a read from the DMA Buffer when
there was no data in it. It indicates that an invalid DMA transfer cycle occurred.
5
Buffer Write Error: This bit indicates that a system write to the DMA buffer occurred while it still contained data.
4
Buffer Read Error: This bit indicates that a system read from the DMA buffer occurred while it was empty.
3
Holding Register 1 Write Error: This bit indicates that a system write to PFHR1 (Parallel FIFO Hold-
ing register 1) occurred while it still contained data.
2
Holding Register 1 Read Error: This bit indicates that a system read from PFHR1 occurred while it was empty.
1
Holding Register 2 Write Error: This bit indicates that a system write to PFHR2 (Parallel FIFO Holding register 2)
occurred while it still contained data.
0
Holding Register 2 Read Error: This bit indicates that a system read from PFHR2 occurred while it was empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com