Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 76 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 76 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation SCD1283 Datasheet HTML 79Page - Intel Corporation SCD1283 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
76
Datasheet
8.0
Electrical Specifications
Caution:
Before beginning any new design with this device, please contact Intel for the latest errata
information. This datasheet is in reference to Revision E or newer devices.
8.1
Absolute Maximum Ratings
• Supply voltage (VCC)
+7.0 V (volts)
• Input voltages, with respect to ground
−0.5 V to V
CC +0.5 V
• Operating temperature (TA)0°C to 70°C
• Storage temperature
−65°C to 150°C
• Power dissipation
0.25 W (watt)
Note:
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at these or any conditions
above those indicated in the recommended operating conditions is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
8.2
Recommended Operating Conditions
• Supply voltage (VCC)5 V ± 5%
• Operating free air ambient temperature
0
°C < T
A < 70°C
• System clock
25 MHz
ESD
(Human body model)
100 pF, 1.5 k
Ω, ± 2 kV
Mil-Std-883D
Method 3015.7
ESD
(Machine model)
200 pF, 0
Ω, ± 200 V
EIAJ IC-121
Latch-up
I/O
± 100 mA, V
CC = 5 V
Temperature = 25
°C and 70°C
JEDEC number 17
VCC ramp 5 V to 9 V
Temperature = 25
°C and 70°C
JEDEC number 17
Hysteresis
200 mV
Symbol
Parameter
MIN
MAX
Units
Test Conditions
VIL
Input low voltage
−0.5
0.8
V
VIH
Input high voltage
2.0
VCC
V
1
VOL
Output low voltage
0.4
V
IOL = 2.4 mA
2
VOH
Output high voltage
2.4
V
IOH = −400 µA
IIL
Input leakage current
−10
10
µA0 < V
IN < VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com