Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 31 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 31 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 27Page - Intel Corporation SCD1283 Datasheet HTML 28Page - Intel Corporation SCD1283 Datasheet HTML 29Page - Intel Corporation SCD1283 Datasheet HTML 30Page - Intel Corporation SCD1283 Datasheet HTML 31Page - Intel Corporation SCD1283 Datasheet HTML 32Page - Intel Corporation SCD1283 Datasheet HTML 33Page - Intel Corporation SCD1283 Datasheet HTML 34Page - Intel Corporation SCD1283 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
31
A direction change (DirCh) interrupt occurs when the remote master has reversed the interface
from ECP forward to ECP reverse or ECP reverse to ECP forward. The IDReq interrupt is
generated when the remote master issues an ID Request command during IEEE 1284 negotiations.
The normal response by the local CPU is to send its ID string after reversing the direction of the
data pipeline by setting the DMAdir bit to ‘1’.
If vectored interrupts are required by the system, then the LIVR must be initialized by the local
CPU. The upper five bits are defined by the local CPU and can be any value appropriate to the
system design. The lower three bits should be initialized to zero during the programming of the
LIVR, however they are ‘don’t cares’ and masked in the PIVR to provide the vector indicating the
source, and type of request from the parallel channel.
Access to the parallel channel LIVR is made by first setting the AER to ‘x’00’, making the Channel
Zero register set accessible. Since the LIVR is a read/write register, the local CPU can read it at any
time. When read during a normal read cycle, the upper 5 bits return the original value loaded by the
CPU.
The three least-significant bits always ready back as the current service-request status of the
parallel port if an interrupt is in progress; otherwise they read back as ‘0’. The encoding of the three
least-significant bits of LIVR during a service acknowledge cycle indicates which of the functional
blocks in the parallel channel is requesting service as shown in the following table.
Figure 6. Control Signal Generation
DGRANT*
CD1283
CS*
R/W*
DS*
AD[6:0]
DB[7:0]
SVCACKP*
CPU
ADDRESS
CPU I/O
CONTROL
ADDRESS
DECODE
LOGIC
CPU
DATA
Table 6.
LIVR[2:0] Encoding
IT2
IT1
IT0
Requestor
1
0
0
Channel control state machine
1
0
1
Data pipeline
11
0
Both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com