Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 74 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 74 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
74
Datasheet
7.4.13
Signal Status Register
The bits in this register show the results of changes specified in the ODR and ZDR. Normally, the
host will read this register in response to a signal-change interrupt generated by the CD1283. SSR
is active and valid only in Manual mode. Bits 7:4 return zeros when read. A write of any value to
SSR clears it.
7.4.14
Zeros Detect Register
When the bits 3:0 in ZDR are set, it enables the CD1283 to generate an interrupt (if the SigCh bit in
PCIER is set) when the selected signal changes from high-to-low (falling edge). Bits 7:4 are
reserved and must be written as ‘0’; these bits return ‘0’ when read. This register is enabled only
during Manual mode.
7.5
Special Register
7.5.1
Reset Command Register
Table 11. SPR Binary Values to Set 500-ns Pulse Widths
Clock
(MHz)
SPR Value
Resultant Pulse Width
(ns)
16
8
500
20
10
500
25
13
520
Register Name: SSR
Register Description: Signal Status
Access: R/W
8-Bit Hex Address: 2F
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
A1284
nInit
HstBsy
HstClk
Register Name: ZDR
Register Description: Zero Detect
Access: R/W
8-Bit Hex Address: 2C
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
0
0
0
0
A1284
nInit
HstBsy
HstClk
Register Name: RCR
Register Description: Reset Command
Access: R/W
8-Bit Hex Address: 05
Default Value: 00
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
10
000
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com