Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 61 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 61 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 57Page - Intel Corporation SCD1283 Datasheet HTML 58Page - Intel Corporation SCD1283 Datasheet HTML 59Page - Intel Corporation SCD1283 Datasheet HTML 60Page - Intel Corporation SCD1283 Datasheet HTML 61Page - Intel Corporation SCD1283 Datasheet HTML 62Page - Intel Corporation SCD1283 Datasheet HTML 63Page - Intel Corporation SCD1283 Datasheet HTML 64Page - Intel Corporation SCD1283 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
61
7.3.6
Parallel Auxiliary Control Register
The PACR provides some special functions for the parallel data path and interrupt-generation
circuitry.
The upper 2 bits are used to change the basic timing of the timers associated with the data pipeline.
Bit 5 can disable the stale data time.
7.3.7
Parallel Channel Reset Register
Register Name: PACR
Register Description: Parallel Auxiliary Control
Access: R/W
8-Bit Hex Address: 3F
Default Value: 00
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
ShrtTen
ShrtStal
StaleOff
FIFOlock
ClearTO
0
AsyncDMA
0
Bit
Description
7
ShrtTen: This function shortens the Prescaler count cycle that generates the internal 10-
µs clock (based on a
25-MHz system clock) for the stale data counter. This bit is cleared by RESET*. If set, 10-
µs ‘ticks’ of the counter will
be generated every two CLKs; the normal period is one ‘tick’ every 250 CLKs.
6
ShrtStal: This function shortens the period of the stale data timer. The stale data timer includes a divide-by-ten
prescaler; setting this bit bypasses the prescaler function, causing the stale data timer to count on each 10-
µs clock
‘tick’.
If both ShrtTen and ShrtStal are set, the stale data timer counts on every other CLK.
5
StaleOff: When this bit is set, it masks off the Stale Status bit. The inverse of this bit is AND’ed with the stale state
condition of the parallel channel to produce the stale status and has the effect of disabling OneChar and Stale as
interrupt sources. StaleOff is provided primarily for test and development purposes, when slow movement of data
into the parallel port might cause Stale and OneChar to always appear true.
4
FIFOlock: This bit causes the FIFO to stop accepting data from the parallel channel state machine. This action
makes the FIFO appear full to the parallel port, thus causing it to enter the ‘busy’ state. This function is primarily
intended for use in system testing to cause a timeout on the 1284 bus.
Setting this bit in ECP Forward mode may cause a stall condition event 35 because event 36 will not occur until
FIFOlock is cleared. The ECP mode host transfer recovery handshake sequence (from event 35 stall) is supported
and the byte transit discarded as required by the specification. This bit does not provide an effective means to flow
control the host.
3
ClearTO: The Clear Timeout bit is a reset bit for the timeout status latch logic. When toggled by software, the timeout
status in the PFSR is cleared; it may be left set to disable the Timeout status function. Note that if this bit is left set,
the OneChar interrupt condition will never become true since there will be no FIFO timeout activity.
2
Reserved: This read-only bit is always ‘0’.
1
AsyncDMA: This bit causes the device to synchronize the DMAACK* signal to the internal clock (rising clock edge).
This capability provides an asynchronous DMA interface for systems that cannot meet the setup times required by
the synchronous DMA logic.
Refer to the Section 8.3.1 on page 78 for specific timing relationships between CLK and DMAACK* when
AsyncDMA is enabled.
0
Reserved: This read-only bit is always ‘0’.
Register Name: PCRR
Register Description: Parallel Channel Reset
Access: R/W
8-Bit Hex Address: 6C
Default Value: 00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
00
0
PChReset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com