Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 58 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 58 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 54Page - Intel Corporation SCD1283 Datasheet HTML 55Page - Intel Corporation SCD1283 Datasheet HTML 56Page - Intel Corporation SCD1283 Datasheet HTML 57Page - Intel Corporation SCD1283 Datasheet HTML 58Page - Intel Corporation SCD1283 Datasheet HTML 59Page - Intel Corporation SCD1283 Datasheet HTML 60Page - Intel Corporation SCD1283 Datasheet HTML 61Page - Intel Corporation SCD1283 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
58
Datasheet
7.3.2
DMA Buffer Data Register
This 16-bit data register is used to buffer DMA data transfers to and from the CD1283. Under
normal operating conditions, this register is only accessed during a DMA data transfer cycle. If
DMAbufWe (PFCR0) is set to ‘1’ and DMAdir (PFCR[5]) is set to ‘1’, 16-bit data can be
transferred from the host to the FIFO by directly writing to the DMABUF. The data automatically
moves forward into the FIFO through the Data Pipeline Holding registers. The user must ensure
that the FIFO has sufficient free space to accept the data before writing into the DMABUF.
The BYTESWAP pin determines the order of byte transfer from this register into the data pipeline.
If BYTESWAP is set to ‘1’, data transferred on DB[15:8] is the first byte transferred into the data
pipeline and DB[7:0] is transferred second. If BYTESWAP is set to ‘0’ this sequence is reversed.
The same applies during data read during DMA transfers: if BYTESWAP is set to ‘1’, data from
the data pipeline moves to the upper byte of DMABUF, the next byte moves into the lower byte.
Again, if BYTESWAP is set to ‘0’, this sequence is reversed.
These resisters can be read through DMA acknowledge or PIO cycles. However, the DMABUF
registers can only be read when the DMAREQ* signal is active. If DMAREQ* is inactive, the
DMABUF registers will be empty. DMAfull (HRSR[3]) indicates if the DMABUF register is
empty when DMAREQ* is inactive.
7.3.3
Holding Register Status Register
The HRSR is read-only and indicates current data pipeline status This register is not directly set to
any particular value at device reset, but reflects the current state of bits in other registers
Register Name: DMABUF
Register Description: DMA Buffer Data high
Access: R/W
8-Bit Hex Address: 30
Default Value: 00
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
DMA Buffer Data High Byte
Register Name: DMABUF
Register Description: DMA Buffer Data low
Access: R/W
8-Bit Hex Address: 30
Default Value: 00
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
DMA Buffer Data Low Byte
Register Name: HRSR
Register Description: Holding Status
Access: Read only
8-Bit Hex Address: 34
Default Value: 04
Bit 7Bit 6Bit 5Bit 4Bit 3
Bit 2Bit 1
Bit 0
HR1full
HR1tag
HR2full
HR2tag
DMAfull
DMAmpty
DMAact
Ctnot0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com