Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 77 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 77 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 73Page - Intel Corporation SCD1283 Datasheet HTML 74Page - Intel Corporation SCD1283 Datasheet HTML 75Page - Intel Corporation SCD1283 Datasheet HTML 76Page - Intel Corporation SCD1283 Datasheet HTML 77Page - Intel Corporation SCD1283 Datasheet HTML 78Page - Intel Corporation SCD1283 Datasheet HTML 79Page - Intel Corporation SCD1283 Datasheet HTML 80Page - Intel Corporation SCD1283 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
77
The signals specific to the parallel port meet all requirements of the IEEE STD 1284 specification,
except for input signal protection (
−2.0 to + 7.0 V); external circuitry is required to meet this
specification.
Note:
While the CD1283 is a highly dependable device, there are a few guidelines to ensure that the
maximum possible level of overall system reliability is achieved. First, design the PC board to
provide maximum isolation of noise. A four-layer board is preferable, but a two-layer board will
work if proper power and ground distribution is implemented. In either case, decoupling capacitors
mounted close to the CD1283 are strongly recommended. Noise typically occurs when either the
CD1283 data bus drivers come out of tristate to drive the bus during a read, or when an external bus
buffer turns on during a write cycle. This noise, a rapid rate-of-change of supply current, causes
‘ground bounce’ in the power-distribution traces. This ground bounce, a rise in the voltage of the
ground pins, effectively raises the input logic thresholds of all devices in the vicinity, resulting in
the possibility of a ‘1’ being interpreted as a ‘0’.
To reduce the possibility of ground-bounce affecting the operation of the CD1283, Intel has
specified the input-high voltage (VIH) of the CLK and RESET* pins at 2.7 V, instead of the TTL-
standard 2.0 V. This eliminates any sensitivity to ground bounce, even in extremely noisy systems.
Although 2.7 V is higher than the industry-standard 2.4-V output (VOH) specified for TTL, there
are several simple ways to meet this specification:
1. Use any of the available advanced-CMOS logic families (FACT, ACL, and so on). These
CMOS output buffers will pull-up close to VCC when not heavily loaded. In addition, AS and
ALS TTL can be used if the output of the TTL device is only driving one or two CMOS loads.
2. As noted in the Texas Instruments ALS/AS Logic Data Book (1986 — pages 4-18 and 4-19),
the VOH output of these families exceeds 3.0 V at low-current loading. Other manufacturers
publish similar data. Intel recommends the use of one of these two options for the CLK input
to ensure fast, clean edges.
Note that RESET* can, if desired, be pulled up passively with
≤ 1-kΩ resistor.
ILL
Data bus tristate leakage current
−10
10
µA0 < V
OUT < VCC
IOC
Open-drain output leakage current
−10
10
µA0 < V
OUT < VCC
ICC
Power supply current
50
mA
CLK
= 25 MHz
CIN
Input capacitance
10
pF
COUT
Output capacitance
10
pF
NOTES:
1. VIH is 2.7 V minimum on RESET* and CLK.
2. VOL for open-drain signals is 0.5 V @ 8 mA sinking because these signals can be wire-OR’ed in some systems and can have
multiple pull-up resistors that increase the load on the output.
Symmetrical input/output drive:
±14 mA
Controlled voltage slew rate: 0.4 V/
µs
Input hysteresis: 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com