Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 50 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 50 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 46Page - Intel Corporation SCD1283 Datasheet HTML 47Page - Intel Corporation SCD1283 Datasheet HTML 48Page - Intel Corporation SCD1283 Datasheet HTML 49Page - Intel Corporation SCD1283 Datasheet HTML 50Page - Intel Corporation SCD1283 Datasheet HTML 51Page - Intel Corporation SCD1283 Datasheet HTML 52Page - Intel Corporation SCD1283 Datasheet HTML 53Page - Intel Corporation SCD1283 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
50
Datasheet
When the SVCACK* is activated, the SVCREQP* is deactivated. If the SVCACKP* signal is not
activated, then the service request must be removed by clearing PpIreq (PIR[7]), and the source of
the interrupt must be determined by reading the LIVR, PIVR, or PIR. Regardless of the variation
performed, IntEn (PFCR[4]) must be toggled at the end of the service routine to inform the device
that the service routine has terminated.
service_par( )
{
char
livr_val;
if (inportb(SVRR & 0x08)) { /* check for active service request */
livr_val = inportb(LIVR) & 0x07;
switch (livr_val) {
case 4:
/* just the parallel channel
state-machine request is active */
service_par_chan();
break;
case 5:
/* just the data path pipeline
request is active */
service_pipeline();
break;
case 6:
/* both requests are active */
service_par_chan();
service_pipeline();
break;
default:
break;
}
outportb(PFCR, inportb(PFCR & 0xEF);/* terminate service ack. sequence
by */
outportb(PFCR, inportb(PFCR | 0x10);/* toggling IntEn bit in PFCR */
return(0);
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com