Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 85 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 85 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 81Page - Intel Corporation SCD1283 Datasheet HTML 82Page - Intel Corporation SCD1283 Datasheet HTML 83Page - Intel Corporation SCD1283 Datasheet HTML 84Page - Intel Corporation SCD1283 Datasheet HTML 85Page - Intel Corporation SCD1283 Datasheet HTML 86Page - Intel Corporation SCD1283 Datasheet HTML 87Page - Intel Corporation SCD1283 Datasheet HTML 88Page - Intel Corporation SCD1283 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
85
Table 13. Synchronous Timing Reference Parameters
Timing
Number
Figure
Parameter
MIN
MAX
Unit
t1
26
Setup time, CS* and DS* to C1 rising edge
15
ns
t2
26
Setup time, R/W* to C1 rising edge
15
ns
t3
26
Setup time, address valid to C1 rising edge
20
ns
t4
26
C2 rising edge to data valid
60
ns
t5
26
DTACK* low from C3 rising edge1
30
ns
t6
26
CS* and DS* trailing edge to data bus high-impedance
30
ns
t7
26
CS* and DS* inactive between host accesses
10
ns
t8
26
Hold time, R/W* after C3 rising edge
20
ns
t9
26
Hold time, address valid after C3 rising edge
0
ns
t10
27
Setup time, write data valid to C2 rising edge
0
ns
t11
28
Setup time, DS* and DGRANT* to C1 rising edge
30
ns
t12
28
Setup time, SVCACK* to DS* and DGRANT*
10
ns
t13
27
Hold time, write data valid after C3 rising edge
0
ns
t14
29
Propagation delay, DS* and DGRANT* to DPASS*
35
ns
t15
29
30
Falling edge DMAREQ* after rising edge CLK (DMA write/read)
25
ns
t16
29
30
Hold time, rising edge DMAREQ* after falling edge DMAACK*
(DMA write/read)
20
ns
t17
29
Setup time, data valid before rising edge C3 (DMA write)
5
ns
t18
29
30
Setup time, falling edge DMAACK* to falling edge C1 (DMA write/read)
10
ns
t21
26
DTACK* active pull-up time2
t22
30
Hold time, data valid after rising edge C3 (DMA write)
5
t23
30
Hold time, data valid after rising edge C1 (DMA read)
10
30
t24
30
Data valid after falling edge C1 (DMA read)
25
t25
30
Inactive time, DMAACK* (DMA read)
10
NOTES:
1. On host I/O cycles immediately following SVCACK* cycles and writes to the EOSRR, DTACK* will be delayed by 20 CLKs (1
ms @ 20 MHz, 800 ns @ 25 MHz). On systems that do not use DTACK* to signal the end of the I/O cycle, use wait states or
some other form of delay generation to assure that the CD1283 is not accessed until after this time period.
2. DTACK* sources current (drives ‘high’) until the voltage on the DTACK* line is approximately 1.5 V; then DTACK* enters the
‘open-drain’ (high-impedance) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com