Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 40 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 40 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 36Page - Intel Corporation SCD1283 Datasheet HTML 37Page - Intel Corporation SCD1283 Datasheet HTML 38Page - Intel Corporation SCD1283 Datasheet HTML 39Page - Intel Corporation SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation SCD1283 Datasheet HTML 42Page - Intel Corporation SCD1283 Datasheet HTML 43Page - Intel Corporation SCD1283 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
40
Datasheet
5.5.10
Data Transfers
In Compatibility mode, incoming HstClk (STROBE*) pulses activate PerBsy (BUSY), and the data
on PD[7:0] is held in latches. PerBsy protects the data latches by signalling the master it is not
ready for more transfers. After the HstClk pulse ends, a pulse is sent on PerClk (ACK*) to
acknowledge the receipt of the data into the holding latches. After the data moves from the latches
to the FIFO, PerBsy goes low to signal readiness for the next character.
All other data transfer modes require IEEE-1284 negotiations.
5.5.11
Compatibility Mode Status
The IEEE 1284 specification requires that the three Compatibility mode status lines (SELECT,
FAULT*, and PError) must not be asserted unless PerBsy (BUSY) is high. PerBsy can only be
activated in response to a received character, and must remain high until the status condition (for
example, paper out) changes.
To send these status signals to the master device, set the SetPs bit (SCR[2]) and the appropriate bit
in the OVR for each of the status signals. The SetPs bit activates PerBsy, which remains active until
ClrPs (SCR[3]) is set. No data is lost in this operation.
5.6
IEEE 1284 Parallel Protocol Support
5.6.1
Compatibility Mode
Compatibility mode provides backward compatibility with Centronics and PC-compatible printer
interfaces. When the host parallel port is in Compatibility mode (with no data transfer in progress),
the host can initiate data transfers in Compatibility mode or initiate negotiations to a new operating
mode.
Only Busy-while-Strobe and Ack-in-Busy timing is supported in Compatibility mode. Busy-after-
Strobe, Ack-after-Busy, and Ack-while-Busy timings are not supported.
5.6.2
Reverse-Nibble and Reverse-Byte Modes
These modes support reverse transfers only, from slave to master. Reverse-Nibble mode is enabled
with NER[0]; Reverse-Byte mode is enabled with NER[1]. Reverse-Nibble mode sends 4 bits at a
time over four of the peripheral status lines. With software drivers the advantage of this scheme is
that any unidirectional PC parallel port can be used for bidirectional data transfers. Reverse-Byte
mode requires bidirectional buffers on the PC hardware, but allows substantially faster transfers
because it moves one byte at a time.
Figure 9. Supported Compatibility Mode Timing
nStrobe
nAck
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com