Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 69 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 69 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 65Page - Intel Corporation SCD1283 Datasheet HTML 66Page - Intel Corporation SCD1283 Datasheet HTML 67Page - Intel Corporation SCD1283 Datasheet HTML 68Page - Intel Corporation SCD1283 Datasheet HTML 69Page - Intel Corporation SCD1283 Datasheet HTML 70Page - Intel Corporation SCD1283 Datasheet HTML 71Page - Intel Corporation SCD1283 Datasheet HTML 72Page - Intel Corporation SCD1283 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
69
7.4.5
Negotiation Status Register
The results of negotiation attempts are stored in this register.
NSR
Negotiation Status
R/W
29
00
76
54
32
1
0
NegOK
NegFl
HostTO
Invalid
4-bit negotiation result code
Bit
Description
7
NegOK: The state of this bit indicates that the negotiation was successful.
6
Negotiation Failed: The state of this bit indicates that the negotiation failed. The result code indicates which
mode attempted.
5
Host Timeout: This bit indicates that a host time-out occurred on the parallel channel. The accompanying 4-
bit result code indicates that the link has returned to Compatibility mode (x02). See description of HTVR on
page 59.
4
Invalid: The state of this bit indicates that the state machine is in an invalid state due to the last negotiation
sequence and has reentered Compatibility mode
3:0
The lower 4 bits contain a result code, which shows the current mode.
Bits
Description
3
210
0
0
0
0
Compatible mode — no negotiation.
0
0
0
1
Failed negotiation.
0
0
1
0
Compatible mode — termination of a 1284 mode.
0
011
Reserved.
0
100
0
101
0
1
1
0
EPP mode.
0
111
Reserved.
1
0
0
0
Reverse Nibble mode
1
0
0
1
Reverse Nibble mode — ID request.
1
0
1
0
Reverse Byte mode.
1
0
1
1
Reverse Byte mode — ID request
1
1
0
0
ECP mode without RLE
1
1
0
1
ECP mode without RLE — ID request
1
1
1
0
ECP mode with RLE
1
1
1
1
ECP mode with RLE — ID request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com