Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 37 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 37 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 33Page - Intel Corporation SCD1283 Datasheet HTML 34Page - Intel Corporation SCD1283 Datasheet HTML 35Page - Intel Corporation SCD1283 Datasheet HTML 36Page - Intel Corporation SCD1283 Datasheet HTML 37Page - Intel Corporation SCD1283 Datasheet HTML 38Page - Intel Corporation SCD1283 Datasheet HTML 39Page - Intel Corporation SCD1283 Datasheet HTML 40Page - Intel Corporation SCD1283 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
37
5.5.2
Signal Names
The IEEE-1284 specification uses different names for the nine control signals, depending on the
current mode of operation (Table 6 on page 31). The CD1283 uses fixed names for each of the pins.
The names were selected to represent the most commonly used names amongst the various
protocols. The CD1283 device operates as a slave only. There are four input-control signals driven
by the master-side device, and five output-control signals driven by the slave-side device. The
Parallel Data bus (PD[7:0]) is bidirectional.
5.5.3
State Machine
The parallel port is controlled by a large synchronous state machine. The state machine is based on
the IEEE Std 1284-1994 and conforms to all the functional modes (except extensibility link
options, which are not currently defined, as of the print date of this document).
5.5.4
Configuration
At power-up, the interface begins in Compatibility mode (Centronics mode) ready to accept data
from the master. Only the ETxfr bit (PCR[5]) is required to allow transfers in Compatibility mode.
PCR[7:5] enable transfers, negotiations, and Manual mode.
5.5.5
Interrupts
Interrupts are enabled in the PCIER and interrupt status can be read in the PCISR. These two
registers have the same format.
Figure 7. FIFO Data Path Functional Diagram – Receive
FIFO (64 BYTES)
TAG (64 BITS)
DB[15:8]
DB[7:0]
PFSR
(RECEIVE)
STATUS
TAG
TAG
TAG BIT
STATUS
NOTE: Data does not move from the
FIFO to PFHR1 if the OneChar
status bit is true (Section 5.4.6
on page 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com