Electronic Components Datasheet Search
  English  ▼

X  

SCD1283 Datasheet(PDF) 26 Page - Intel Corporation

Part # SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Datasheet(HTML) 26 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 22Page - Intel Corporation SCD1283 Datasheet HTML 23Page - Intel Corporation SCD1283 Datasheet HTML 24Page - Intel Corporation SCD1283 Datasheet HTML 25Page - Intel Corporation SCD1283 Datasheet HTML 26Page - Intel Corporation SCD1283 Datasheet HTML 27Page - Intel Corporation SCD1283 Datasheet HTML 28Page - Intel Corporation SCD1283 Datasheet HTML 29Page - Intel Corporation SCD1283 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
26
Datasheet
Section 5.2.4). However, the software can easily change this by clearing the DMAen bit
(PFCR[6]) at the start of the interrupt service routine and setting it again at the end.
4. If SVCREQP* and DMAREQ* are logically OR’ed together, the service routine must start by
checking the SVRR to determine which signal is active.
5. SVCACKP* must not be activated in response to DMAREQ*; likewise, DMAACK* must not
be activated in response to SVCREQ*.
6. The DMAdir bit (PFCR[5]) can determine whether to write or read to/from the DMABUF
register.
7. The PFQR can determine how many reads of the 16-bit DMABUF register are necessary to
empty the pipeline. Note however, four must be added to the PFQR value, then that number
then must be divided by two and truncated to the nearest integer (this accounts for the extra
four bytes in the two holding registers and the 16-bit DMABUF register, as well as 16-bit
instead of 8-bit reads).
5.2.7
Daisy-Chain Configurations
Multiple CD1283s can be connected in a daisy-chain configuration, forming systems with multiple
parallel ports. The device provides all signals necessary for this configuration, with only minimal
external logic being (Figure 4).
When the CPU acknowledges the request, both CD1283s receive the acknowledge through
SVCACK*. However, only the device receives DGRANT*. If it has an active request of this type
pending, it takes the acknowledge and drives the vector register (RIVR, TIVR, MIVR) onto the
data bus.
If the first device does not have a request pending, it passes DGRANT* to the second CD1283
through DPASS*. Assuming that the second CD1283 has an active request pending, it then takes
the acknowledge and drives its vector register onto the data bus.
Figure 4. CD1283 Daisy-Chain Configuration
DPASS*
DGRANT*
DPASS*
DGRANT*
SVCACKP*
SVCACKP*
SVCREQP*
SVCREQP*
ADDRESS
DECODE
LOGIC
CY C L E
ERROR
CD1283
CD1283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com