Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 12Page - Advanced Micro Devices SB710 Datasheet HTML 13Page - Advanced Micro Devices SB710 Datasheet HTML 14Page - Advanced Micro Devices SB710 Datasheet HTML 15Page - Advanced Micro Devices SB710 Datasheet HTML 16Page - Advanced Micro Devices SB710 Datasheet HTML 17Page - Advanced Micro Devices SB710 Datasheet HTML 18Page - Advanced Micro Devices SB710 Datasheet HTML 19Page - Advanced Micro Devices SB710 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
16
SB710 Power on Sequence and Timing
Power up Sequence Timing Notes
Note 1: There is no specific power sequencing requirement other than those indicated in Note
2 below. The SB710 power rails are grouped in four different voltages:
I.
+5 V, which includes V5_VREF
II.
+3.3 V, which includes VDDQ, VDD33_18 (IDE mode)
III.
+1.2 V, which includes AVDDCK_1.2V, AVDD_SATA, PLLVDD_SATA, PCIE_PVDD,
PCIE_VDDR, CKVDD_1.2V
IV.
+1.8 V
Note 2: V5_VREF is used in the SB710 for the 5-V PCI signal tolerance. VDDQ (+3.3 V) &
VDD33_18 (3.3 V) must not exceed V5_VREF by more than 0.6 V at any time during ramp up,
steady state, or ramp down. The suggested circuit below should be used to maintain
relationship between V5_VREF and VDDQ and VDD33_18.
Figure 3-3: Circuit for Maintaining Proper Relationship between +V5_VREF and VDDQ
Note 3: The SB710 will latch the straps after rising edge of SB PWR_GOOD only once. With
debouncing of SB PWR_GOOD, the latching of strap will occur at approximately ~10ms after
the rising edge of SB PWR_GOOD.
Note 4: Typical time between A_RST# and PCIRST# is 75 ns. The measurement should be
done at 10% of both signals. Loading on the motherboard may cause the measurement at
90% be more than the spec.
Note 5: The KBRST# should be de-asserted before A_RST# (LDT_RST#) is de-asserted.
Note 6: Type II Standard and Debug straps will be latched after SB PWR_GOOD is asserted.
Type I straps are latched on resume reset rising edge. Refer to Section 4: SB710 Strap
Information
for strap timing.
Note 7: The SB710 will not monitor the ALLOW_LDTSTP signal on power up. This signal is
only used on C3 transitions.
Note 8: The PCI Clock may be stable before T11 min. under some conditions; however in all
cases, the PCI Clock is guaranteed to be stable only between T11 min and max.
Note 9: The SB710 will monitor internally the power down events and protect the internal
circuit during the power down event. This includes power down during the S3, S4, and S5
states. During an unexpected power failure or G3 state, the relationship between the 1.2 V
(VDD) and SB Power Good should be maintained to protect the internal logic of the SB710.
Note 10: The following figure shows the timing of SB PWR_GOOD de-asserted to RSMRST#
de-asserted during a power down sequence. However, this timing only applies to S0 to G3
state transition, because G3 state is where both signals are inactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com