Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 23Page - Advanced Micro Devices SB710 Datasheet HTML 24Page - Advanced Micro Devices SB710 Datasheet HTML 25Page - Advanced Micro Devices SB710 Datasheet HTML 26Page - Advanced Micro Devices SB710 Datasheet HTML 27Page - Advanced Micro Devices SB710 Datasheet HTML 28Page - Advanced Micro Devices SB710 Datasheet HTML 29Page - Advanced Micro Devices SB710 Datasheet HTML 30Page - Advanced Micro Devices SB710 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Integrated Resistor and External Pull-up/Pull-down Resistor
Requirements
27
Interface
Signal Name
Value of
Integrated / External
Resistor
Resistor Type
Register for
programming the
integrated PU/PD
IDE_D14/FC_ADQ14/GPIO29
Integrated 27
Series
PM2_Rg E7h
Default: Pull-up/Pull-
down not enabled
IDE_D15/FC_ADQ15/GPIO30
Integrated 27
Series
PM2_Rg E7h
Default: Pull-up/Pull-
down not enabled
SPI_HOLD#/GPIO31
Integrated 10 K
Pull-Up
PM2_Rg E7h
Default: Pull-up
enabled
SPI_CS1#/GPIO32
Integrated 10 K
Pull-up
PM2_Rg E8h
Default: Pull-up
enabled
INTE#/GPIO33
Integrated 8.2 K
Pull-up
PM2_Rg E8h
Default: Pull-up
enabled
INTF#/GPIO34
Integrated 8.2 K
Pull-up
PM2_Rg E8h
Default: Pull-up
enabled
INTG#/GPIO35
Integrated 8.2 K
Pull-up
PM2_Rg E8h
Default: Pull-up
enabled
INTH#/GPIO36
Integrated 8.2 K
Pull-up
PM2_Rg E9h
Default: Pull-up
enabled
CLK_REQ1#/SATA_IS4/
FANOUT3/GPIO39
Integrated 8.2 K
Pull-down
PM2_Rg E9h
Default: Pull-down
enabled
CLK_REQ2#/SATA_IS5/
FANIN3/GPIO40
Integrated 8.2 K
Pull-down
PM2_Rg EAh
Default: Pull-down
enabled
AZ_SDIN[2:0]/
GPIO[44:42]
Integrated 50 K
Pull-down
PM2_Rg EAh
Default: Pull-down
enabled
AZ_SDIN3/GPIO46
Integrated 50 K
Pull-down
PM2_Rg EBh.
Default: Pull-down
enabled
SPI_CLK/GPIO47
Integrated 10 K
Pull-down
PM2_Rg EBh.
Default: Pull-down
enabled
FANOUT1/GPIO48
Integrated 8.2 K
Pull-up
PM2_Rg ECh.
Default: Pull-up
enabled
FANOUT2/GPIO49
Integrated 8.2 K
Pull-up
PM2_Rg ECh.
Default: Pull-up
enabled
GPIO 64:50
Integrated 10 K
See Note
PM2_rg F0h:ECh
Default: Pull-up/Pull-
down not enabled
BMREQ#/REQ5#/GPIO65
Integrated 8.2 K
See Note
PM2_Rg F0h
Default: Pull-up/Pull-
down not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com