Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 33Page - Advanced Micro Devices SB710 Datasheet HTML 34Page - Advanced Micro Devices SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices SB710 Datasheet HTML 37Page - Advanced Micro Devices SB710 Datasheet HTML 38Page - Advanced Micro Devices SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
37
Pin Name
Type
Voltage
Functional Description
SLP_S3#
O
S5_3.3V
S3 Sleep Power plane control
Assertion of SLP_S3# shuts off power to non-critical components
when system transitions to S3, S4, or S5 states. Assertion takes
place sometime after CPU_STP# is asserted.
De-assertion of SLP_S3# turns on power to non-critical components
when system transitions from S3, S4, or S5 back to S0. De-
assertion takes place sometime after a wake-up event has been
triggered.
SLP_S5#
O
S5_3.3V
S5 Sleep Power plane control -
Assertion of SLP_S5# shuts power off to non-critical components
when system transitions to S4 or S5 state. Assertion takes place
sometime after CPU_STP# is asserted.
De-assertion of SLP_S5# turns on power to non-critical components
when transitioning from S4/S5 back to S0 state. De-assertion takes
place sometime after a wake-up event is triggered.
SMBALERT#/
THRMTRIP#/
GEVENT2#
I/O
S5_3.3V
SMBus Alert / Thermal Trip / General Event 2
Thermal Trip: Signal indicates to the SB710 that a thermal trip has
occurred. Its assertion will cause the SB710 to transition the system
to S5 immediately, without waiting for the STPGNT message from
the processor.
SUS_STAT#
OD
S5_3.3V
Suspend Status -
Assertion by the SB710 indicates that the system will be entering a
low-power state soon. The signal is monitored by those devices with
memory that needs to switch from normal refresh to suspend
refresh mode when the system transitions to a low-power state.
Assertion takes place after the Stop Grant message from the CPU is
received by the system.
De-assertion by the SB710 indicates that the system is exiting a low
power state now and is returning to S0
. De-assertion takes place
after LDT_STP# is de-asserted.
TEMPIN3/
TALERT#/
GPIO64
I/O
S5_3.3V
Temperature Monitor Input 3/ Thermal Alert / GPIO 64
Thermal Alert: The signal is a thermal alert to the SB710. SB710
can be programmed to generate an SMI#, SCI, or IRQ13 through
GPE, or generate an SMI# without GPE in response to the signal’s
assertion. See the AMD SB700/SB710/SB750 Register Reference
Guide
for details.
S3_STATE/
GEVENT5#
I/O
S5_3.3V
S3 State: Assertion of S3_STATE by the SB710 indicates to the
power supply that the system has transitioned into S3 state.
Asserted after the Sleep S3 command is completed. De-assertion
indicates that the system is leaving S3 state. De-assertion takes
place after SUS_STAT# is de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com