Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 29Page - Advanced Micro Devices SB710 Datasheet HTML 30Page - Advanced Micro Devices SB710 Datasheet HTML 31Page - Advanced Micro Devices SB710 Datasheet HTML 32Page - Advanced Micro Devices SB710 Datasheet HTML 33Page - Advanced Micro Devices SB710 Datasheet HTML 34Page - Advanced Micro Devices SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices SB710 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
33
Pin Name
Type
Voltage
Functional Description
REQ#[2:0]
I
3.3 V (5-V Tolerance)
Request [2:0] Input: indicates that the agent desires use of
the bus.
REQ3#/GPIO70
I
3.3 V (5-V Tolerance) PCI Request 3 Input / GPIO 70
REQ4#/GPIO71
I
3.3 V (5-V Tolerance) PCI Request 4 Input / GPIO 71
SERR#
I/OD
3.3 V (5-V Tolerance)
System Error: for reporting address parity errors and data
parity errors on the special cycle command, or any other
system error where the result will be catastrophic.
STOP#
I/O
3.3 V (5-V Tolerance)
Stop: indicates the current target is requesting the master
to stop the current transaction
TRDY#
I/O
3.3 V (5-V Tolerance)
Target Ready
Target Ready: indicates the target agent’s ability to
complete the current data phase of the transaction.
7.5
USB Interface
Pin Name
Type
Voltage
Functional Description
USB_HSD[11:0]P
I/O
AVDD_TX
USB 2.0 Port 11 ~ 0 Positive I/O (See Note 1)
USB_HSD[11:0]N
I/O
AVDD_TX
USB 2.0 Port 11 ~ 0 Negative I/O (See Note 1)
USB_FSD[13:12]P
I/O
S5_3.3V
USB 1.1 port 13:12 (full/low speed) Positive I/O (See Note 2)
USB_FSD[13:12]N
I/O
S5_3.3V
USB 1.1 port 13:12 (full/low speed) Negative I/O (See Note 2)
USBCLK/
14M_25M_48M_OSC
I
S5_3.3V
48-MHz input clock used for USB
USB_RCOMP
I
AVDDC
Compensating resistors input
USB_OC[5:0[#/
GPM[5:0]#
I/O
S5_3.3V
USB Over Current [5:0] / GPM [5:0]
USB_OC4# is also multiplexed as IR_RX0
USB_OC6#/IR_TX1/
GEVENT6#
I/O
S5_3.3V
USB Over Current 5 / IR Tx1 (infrared)/ General Event 6
Notes: (1) The USB_HSD[11:0]P and USB_HSD[11:0]N signals are used for connecting internal or external USB
devices via USB Port connectors. These ports are handled by users and are subject directly to ESD events
to either the connector, the device, or to the pins themselves. The USB_HSDP and USB_HSDN signals that
may be exposed to the user through an USB port connection must have ESD protection. Please refer to the
Product Advisory PA_SB700AU1 posted on AMD’s OEM Resource Center for further details on ESD device
specifications.
(2) The USB_FSD[13:12]P and USB _FSD[13:12]N signals are used only for connecting to internal devices.
They support only full or low, but not high speed devices.
7.6
ATA66/100/133
Note: The SB710 does not support the flash controller function. The flash controller should be disabled
by BIOS, and the interface can only be used for IDE function (or as GPIOs, in case of the IDE data bus
bits). Portions of the pin names below that imply flash controller function should be ignored. See the AMD
SB700/SB710/SB750 Schematic Review Checklist
for how to terminate these signals if they are not used.
Pin Name
Type
Voltage
Functional Description
IDE_IORDY/FC_FBCKIN
I
3.3 V (5-V Tolerance)
IDE IO Ready
IDE_IRQ/FC_INT2
I
3.3 V (5-V Tolerance)
IDE Interrupt Request/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com