Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
43
Ball Name
(Default Function
in Blue)
Type
Voltage and
Domain
Internal
Resistor
(Default in
Blue)
Default
Type
(Default
State in
Blue)
Functional Description
VIN0/
GPIO53
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 0/
GPIO 53
VIN1/
GPIO54
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 1/
GPIO 54
VIN2/
GPIO55
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 2/
GPIO 55
VIN3/
GPIO56
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 3/
GPIO 56
VIN4/
GPIO57
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 4/
GPIO 57
VIN5/
GPIO58
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 5/
GPIO 58
VIN6/
GPIO59
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 6/
GPIO 59
VIN7/
GPIO60
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Voltage Input 7/
GPIO 60
TEMPIN0/
GPIO61
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Temperature Input 0/
GPIO 61
TEMPIN1/
GPIO62
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Temperature Input 1/
GPIO 62
TEMPIN2/
GPIO63
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Temperature Input 2/
GPIO 63
TEMPIN3/
TALERT#/
GPIO64
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Temperature Input 3/
Temperature Alert/
GPIO64
BMREQ#/
REQ5#/
GPIO65
I/O
3.3V_S0
(5-V tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Bus Master Request/
PCI Request 5/
GPIO 65
LLB#/
GPIO66
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Low-Low Battery/
GPIO 66
SATA_ACT#/
GPIO67
OD
3.3V_S0
8.2-kΩ PU
8.2-kΩ PD
Output TS
Serial ATA Activity/
GPIO 67
LDRQ1#/
GNT5#/
GPIO68
I/O
3.3V_S0
(5-V Tolerance)
15-kΩ PU
Input
LPC DMA Req 1/
PCI Grant 5/
GPIO 68
REQ3#/
GPIO70
I/O
3.3V_S0
(5-V Tolerance)
15-kΩ PU
Input
PCI Request 3/
GPIO 70
REQ4#/
GPIO71
I/O
3.3V_S0
(5-V Tolerance)
15-kΩ PU
Input
PCI Request 4/
GPIO 71
GNT3#/
GPIO72
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Output
High
PCI Grant 3/
GPIO 72
GNT4#/
GPIO73
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Output
High
PCI Grant 4/
GPIO 73
SPI_CS2#/
IMC_GPIO2
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
SPI ROM Chip Select 2/
Integrated Microcontroller
(IMC) GPIO 2
IDE_RST#/
F_RST#/
IMC_GPO3
OD
3.3V_S5
(5-V tolerance)
10-kΩ PU
10-kΩ PD
Output
Low
IDE Reset/
Integrated Microcontroller
(IMC) GPO 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com