Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices SB710 Datasheet HTML 72Page - Advanced Micro Devices SB710 Datasheet HTML 73Page - Advanced Micro Devices SB710 Datasheet HTML 74Page - Advanced Micro Devices SB710 Datasheet HTML 75Page - Advanced Micro Devices SB710 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
72
Electrical Characteristics
11.4
Reset Signal Requirements
Table 11-7: Reset Signal Requirements
Pin Name
Assertion requirements
Comments
SYS_RST#
Must be asserted for 10ms minimum.
At deassertion, the SYS_RST#
signal will not be sampled by the
internal logic for a period of 32 ms
as it first goes through the internal
debouncing circuit.
RSMRST#
Must be asserted for 10ms minimum.
At deassertion, the RSMRST# signal
will not be sampled by the internal
logic for a period of 32 ms as it first
goes through the internal
debouncing circuit.
KBRST#
Must be asserted for 30 ns minimum.
The KBRST# should be de-asserted
before A_RST# and LDT_RST# are de-
asserted.
—
11.5
RTC Battery Current Consumption
The RTC battery current consumption is estimated as follows:
Table 11-8: RTC Battery Current Consumption
RTC Battery Current
Power State
Typical
Maximum
G3 (Off)
< 0.5 µA
< 4 µA
S0-S5
< 0.2 µA
-
RTC battery life is calculated using the rated capacity of the battery and typical current numbers. The
typical batteries used for RTC are normally rated for 170 mAh and the worst case current consumption for
the SB710 is 4.0 µA. Thus, the life of battery will be calculated as follows:
170,000 µAh / 4 µA = 42,500 h = 4.8 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com