Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices SB710 Datasheet HTML 72Page - Advanced Micro Devices SB710 Datasheet HTML 73Page - Advanced Micro Devices SB710 Datasheet HTML 74Page - Advanced Micro Devices SB710 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Electrical Characteristics
71
ViL(V)
ViH (V)
Pin Name
Voltage
Min
Max
Min
Max
SDA0/GPOC1#
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SCL1/GPOC2#
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
SDA1/GPOC3#
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
IMC_GPIO[17:16, 12:11, 3],
PS2KB_DAT, PS2KB_CLK,
PS2M_DAT, PS2M_CLK,
PS2_DAT, PS2_CLK
S5_3.3V
(5-V Tolerance)
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
V5_Ref + 0.25
IMC_GPIO[15:13, 10, 2]
KSO_[17:0], KSI_[7:0]
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
Table 11-5: GPIO/GEVENT Output DC Characteristics
VOL
VOH
Pin Name
Parameter
Minimum
Maximum
Output High Voltage
2.4 V
—
Output Low Voltage
—
0.4 V
Output Drive
All GPIO and GEVENT
pins listed in Table 11-4
Output Drive
8 mA
Table 11-6: RTC Clock Output DC Characteristics
VOL
VOH
Pin Name
Parameter
Minimum
Maximum
Output High Voltage
2.4 V
—
Output Low Voltage
—
0.4 V
Output Drive
4 mA Min / 8 mA Max
RTCCLK
Output Drive
Output drive controlled by PMIO 42 [6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com