Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 30Page - Advanced Micro Devices SB710 Datasheet HTML 31Page - Advanced Micro Devices SB710 Datasheet HTML 32Page - Advanced Micro Devices SB710 Datasheet HTML 33Page - Advanced Micro Devices SB710 Datasheet HTML 34Page - Advanced Micro Devices SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices SB710 Datasheet HTML 37Page - Advanced Micro Devices SB710 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
34
Signal Description
Pin Name
Type
Voltage
Functional Description
IDE_A0/FC_OE#
O
3.3 V (5-V Tolerance)
IDE Address bus bit 0
IDE_A1/FC_FBCLKOUT
O
3.3 V (5-V Tolerance)
IDE Address bus bit 1
IDE_A2
O
3.3 V (5-V Tolerance)
IDE Address bus bit 2
IDE_DACK#/FC_AVD#
O
3.3 V (5-V Tolerance)
IDE DMA ACK
IDE_DRQ/FC_INT2
I
3.3 V (5-V Tolerance)
IDE DMA Request/
IDE_IOR#/FC_CLK
O
3.3 V (5-V Tolerance)
IDE IO Read/
IDE_IOW#/FC_WE#
O
3.3 V (5-V Tolerance)
IDE IO Write
IDE_CS1#/FC_CE#
O
3.3 V (5-V Tolerance)
IDE chip select for I/O 1xxh address
IDE_CS3#/FC_CE2#
O
3.3 V (5-V Tolerance)
IDE chip select for I/O 3xxh address
IDE_D[15:0]/FC_ADQ[15:0]/
GPIO[30:15]
I/O
3.3 V (5-V Tolerance)
IDE data bus bit [15:0] / GPIO [30:15]
IDE_RST#/FC_RST#/
IMC_GPO3
O
S5_3.3V (5-V Tolerance) IDE reset/ IMC GPIO3
7.7
Serial ATA Interface
Pin Name
Type
Voltage
Functional Description
SATA_ACT#/GPIO67
OD
3.3 V
SATA Channel Active / GPIO 67
SATA_CAL
I
1.2 V (Filtered)
SATA Calibration
SATA_RX[5:0] -
I
1.2 V (Filtered)
SATA Channel[5:0] Receive Negative
SATA_RX[5:0] +
I
1.2 V (Filtered)
SATA Channel[5:0] Receive Positive
SATA_TX[5:0] -
O
1.2 V (Filtered)
SATA Channel[5:0] Transmit Negative
SATA_TX[5:0] +
O
1.2 V (Filtered)
SATA Channel[5:0] Transmit Positive
SATA_X1
I
3.3 V (Filtered)
SATA Crystal Input.
SATA_X2
O
3.3 V (Filtered)
SATA Crystal Output
SATA_IS0#/GPIO10
I/O
3.3 V
SATA Interlock Switch Port 0 (Input) / GPIO 10
SATA_IS1#/GPIO6
I/O
3.3 V
SATA Interlock Switch Port 1 (Input) / GPIO 6
SMARTVOLT1/
SATA_IS2#/GPIO4
I/O
3.3 V
Reduce system voltages / SATA Interlock Switch Port 2
(input) / GPIO 4
SATA_IS3#/CLK_REQ0#/
GPIO0
I/O
3.3 V
SATA Interlock Switch Port 3 (input) / PCI-E clock request /
GPIO0
SATA_IS4#/CLK_REQ1#/
FANOUT3/GPIO39
I/O
3.3 V
SATA Interlock Switch Port 4 (input) / PCI-E clock request/
Fan Output 3 / GPIO39
SATA_IS5#/CLK_REQ2#/
FANIN3/GPIO40
I/O
3.3 V
SATA Interlock Switch Port 5 (input) / PCI-E clock request/
Fan Tach In3 / GPIO40
Note: For each port there is a pin (SATA_IS) for sensing the status of the external interlock switch. If the
motherboard implements SATA interlock switches, it should connect the statuses of the switches to those pins. The
SB710 will sense the statuses of those pins and can generate a PME or interrupt when the statuses change.
Normally, an inter-lock switch is required for supporting hot plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com