Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 60Page - Advanced Micro Devices SB710 Datasheet HTML 61Page - Advanced Micro Devices SB710 Datasheet HTML 62Page - Advanced Micro Devices SB710 Datasheet HTML 63Page - Advanced Micro Devices SB710 Datasheet HTML 64Page - Advanced Micro Devices SB710 Datasheet HTML 65Page - Advanced Micro Devices SB710 Datasheet HTML 66Page - Advanced Micro Devices SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
64
System Clock Specifications
Table 9-7: PCI Clock AC Specifications
PCI Clock (6 clocks, PCICLK[5:0])
Symbol
Parameter
Min
Max
Units
Note
T61
Clock Period
30
33.3
ns
-
T62
Clock/Data rise time
-
3.0
ns
-
T63
Clock/Data fall time
-
3.0
ns
-
T64
Clock high period
12
-
ns
-
T65
Clock low period
12
-
ns
-
Table 9-8: PCI-E Clock AC Specifications
Symbol
Parameter
Min
Max
Units
Note
T61
Clock Period
9.872
10.128
ns
SSC disabled
T62
Clock rise edge rate
0.6
4.0
V/ns
T63
Clock fall edge rate
0.6
4.0
V/ns
See Figure 9-2
and Note below
T64
Clock high period
3
7
ns
-
T65
Clock low period
3
7
ns
-
ViH
Diff Clock input high
+150
-
mV
ViL
Diff Clock input low
-
-150
mV
See Figure 9-3
Vcross
Absolute crossing point
+250
+550
mV
-
Vcross delta
Variation across Vcross
-
+140
mV
-
Note: Signal must be monotonic throughout the Rise and all time region.
Table 9-9: RTC 32-KHz Output Clock AC Specifications
RTC 32-KHZ output
Symbol
Parameter
Min
Max
Units
Note
T61
Clock Period
32.768
KHz
-
T62
Clock/Data rise time
2.2
0.33
V/ns
T63
Clock/Data fall time
2.2
0.33
V/ns
Nominal
voltage 3.3 V
T64
Clock high period
13.7
-
μs
-
T65
Clock low period
16.8
-
μs
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com