Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices SB710 Datasheet HTML 48Page - Advanced Micro Devices SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices SB710 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
47
Pin Name
Type
Voltage
Functional Description
RSMRST#
I
S5_3.3V
Resume Reset from Motherboard –
Assertion of RSMRST# resets all SB710 registers to their
default values. It also causes all reset signals originating
from the SB710 (A_RST#, PCIRST#, LDT_RST#,
AZ_RST#, AC_RST#) to be issued. RSRMT# should be
asserted when system power is being applied. Type-I straps
are captured on the rising edge of RSRMT# during its de-
assertion. RSMRST# should be de-asserted sometime after
S5 power is up, and should stay de-asserted until system
power is removed.
SYS_RESET#/GPM7#
I/O
S5_3.3V
System Reset / GPM 7
System Reset: Signal coming from the power button circuit
signaling a reset for the system. On receiving the signal, the
SB710 asserts all reset signals that originate from the
SB710 including: A_RST#, PCIRST#, LDT_RST#,
AZ_RST#, and AC_RST#; it also resets all SB710 registers
to their default values.
LAN_RST#/GPIO13
I/O
3.3 V
Early version of A_RST#; meant for resetting LAN MAC.
This signal is early to allow LAN to load its LON first
ROM_RST#/GPIO14
I/O
S5_3.3V
Early version of A_RST#, meant for resetting the system
BIOS flash
TEST0
I
S5_3.3V
ATE Test 0
TEST1
I
S5_3.3V
ATE Test 1
TEST2
I
S5_3.3V
ATE Test 2
7.18
Intruder Alert
Pin Name
Type
Voltage
Functional Description
Intruder_Alert#
I
VBAT
Intruder alert sense input
7.19
Power and Ground
Signal Name
Voltage/
Ground
ACPI
STATE
GND reference Note Description
VDD_[9:1]
1.2 V
S0-S2
VSS
-
Core power
VDDQ_[12:1]
3.3 V
S0-S2
VSS
-
3.3-V I/O Power
VDD33_18_[4:1]
3.3V
S0-S2
VSS
-
3.3 V power for PATA interface
S5_1.2V_[2:1]
1.2 V
S0-S5
VSS
1.2-V S5 Power
S5_3.3V_[7:1]
S5_3.3V
S0-S5
VSS
-
3.3-V S5 Power
AVDDCK_3.3V
3.3 V
S0-S2
AVSSCK
1
3.3-V power for analog PLLs
AVDDCK_1.2V
1.2 V
S0-S2
AVSSCK
1.2-V power for analog PLLs
CKVDD_1.2_[4:1]
1.2 V
S0-S2
PCIE_CK_VSS
1.2-V power for PCI-E and clock buffers
PCIE_PVDD
1.2 V
S0-S2
PCIE_VSS
1
A-Link Express II PLL Power
PCIE_VDDR[7:1]
1.2 V
S0-S2
PCIE_VSS
1
A-Link Express II Analog power
AVDD_SATA[7:1]
1.2 V
S0-S2
AVSS_SATA
1
SATA Analog Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com