Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 38Page - Advanced Micro Devices SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
42
Signal Description
Ball Name
(Default Function
in Blue)
Type
Voltage and
Domain
Internal
Resistor
(Default in
Blue)
Default
Type
(Default
State in
Blue)
Functional Description
IDE_D[15:8]/
GPIO[30:23]
I/O
3.3V_S0
(5-V Tolerance)
27-Ω series
Output
High
IDE data [15:8]/
GPIO [30:23]
SPI_HOLD#/
GPIO31
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
SPI ROM Hold/
GPIO 31
SPI_CS1#/
GPIO32
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
SPI ROM Chip Select 1/
GPIO 32
INTE#/
GPIO33
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
Input
PCI Interrupt E/
GPIO 33
INTF#/
GPIO34
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
Input
PCI Interrupt F/
GPIO 34
INTG#/
GPIO35
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
Input
PCI Interrupt G/
GPIO 35
INTH#/
GPIO36
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
Input
PCI Interrupt H/
GPIO 36
CLK_REQ1#/
SATA_IS4#/
FANOUT3/
GPIO39
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Clock Request 1/
Serial ATA Interlock 4/
Fan Output 3/
GPIO 39
CLK_REQ2#/
SATA_IS5#/
FANIN3/
GPIO40
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Clock Request 2/
Serial ATA Interlock 5/
Fan Input 3/
GPIO 40
PCICLK5/ GPIO41
Revision A11:
PCICLK5/ GPIO41
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
A11:
Output
Clock
PCI Clock 5/
GPIO 41
AZ_SDIN0/
GPIO42
I/O
3.3V_S5
50-kΩ PD
Input
HD Audio Serial Data In 0/
GPIO 42
AZ_SDIN1/
GPIO43
I/O
3.3V_S5
50-kΩ PD
Input
HD Audio Serial Data In 1/
GPIO 43
AZ_SDIN2/
GPIO44
I/O
3.3V_S5
50-kΩ PD
Input
HD Audio Serial Data In 2/
GPIO 44
AZ_SDIN3/
GPIO46
I/O
3.3V_S5
50-kΩ PD
Input
HD Audio Serial Data In 3/
GPIO 46
Input
SPI ROM Clock/
GPIO 47
SPI_CLK/
GPIO47
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Output
SPICLK
SPI Clock if ROM select is SPI
FANOUT1/
GPIO48
I/O
3.3V_S0
(5V tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Fan Output 1/
GPIO 48
FANOUT2/
GPIO49
I/O
3.3V_S0
(5V tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Fan Output 2/
GPIO 49
FANIN0/
GPIO50
I/O
3.3V_S0
(5V tolerance)
10-kΩ PU
10-kΩ PD
Input
Fan Input 0/
GPIO 50
FANIN1/
GPIO51
I/O
3.3V_S0
(5V tolerance)
10-kΩ PU
10-kΩ PD
Input
Fan Input 1/
GPIO 51
FANIN2/
GPIO52
I/O
3.3V_S0
(5V tolerance)
10-kΩ PU
10-kΩ PD
Input
Fan Input 2/
GPIO 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com