Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 65Page - Advanced Micro Devices SB710 Datasheet HTML 66Page - Advanced Micro Devices SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices SB710 Datasheet HTML 72Page - Advanced Micro Devices SB710 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Electrical Characteristics
69
ViL(V)
ViH (V)
Pin Name
Voltage
Min
Max
Min
Max
SPKR/GPIO2
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
FANOUT0/GPIO3
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SMARTVOLT1/
SATA_IS2#/GPIO4
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SMARTVOLT2/
SHUTDOWN#/ GPIO5
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SATA_IS1#/GPIO6
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
DDC1_SDA/GPIO8
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
DDC1_SCL/GPIO9
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SATA_IS0#/GPIO10
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SPI_DO/GPIO11
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
SPI_DI/GPIO12
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
LAN_RST#/GPIO13
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
ROM_RST#/ GPIO14
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
IDE_D[15:0]/GPIO[30:15]
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
SPI_HOLD#/ GPIO31
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
SPI_CS1#/GPIO32
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
INTE#/GPIO33
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
INTF#/GPIO34
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
INTG#/GPIO35
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
INTH#/GPIO36
3.3 V
(5-V Tolerance)
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
AZ_SDIN0/ GPIO42
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
AZ_SDIN1/ GPIO43
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
AZ_SDIN2/ GPIO44
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
AZ_SDIN3/GPIO46
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
SPI_CLK/GPIO47
S5_3.3V
-0.5
0.3* S5_3.3V
0.7*
S5_3.3V
S5_3.3V + 0.25
FANOUT1/GPIO48
3.3 V
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
FANOUT2/GPIO49
3.3 V
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25
FANIN0/GPIO50
3.3 V
-0.5
0.3* VDDQ
0.7*VDDQ
V5_Ref + 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com