Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 73Page - Advanced Micro Devices SB710 Datasheet HTML 74Page - Advanced Micro Devices SB710 Datasheet HTML 75Page - Advanced Micro Devices SB710 Datasheet HTML 76Page - Advanced Micro Devices SB710 Datasheet HTML 77Page - Advanced Micro Devices SB710 Datasheet HTML 78Page - Advanced Micro Devices SB710 Datasheet HTML 79Page - Advanced Micro Devices SB710 Datasheet HTML 80Page - Advanced Micro Devices SB710 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Testability
77
Table 14-4: Truth Table for an XOR Chain
Test Vector
number
Input Pin G
Input Pin F
Input Pin E
Input Pin D
Input Pin C
Input Pin B Output Pin A
1
0
0
0
0
0
0
1
2
1
0
0
0
0
0
0
3
1
1
0
0
0
0
1
4
1
1
1
0
0
0
0
5
1
1
1
1
0
0
1
6
1
1
1
1
1
0
0
7
1
1
1
1
1
1
1
14.2.2 Description of the SB710 XOR Chain
During XOR Chain Test Mode, most of the chip pads on the SB710 are connected together using
XOR gates as shown in Figure 14-3. The first input of the chain is connected to a logic level high
(internal connection), and all pads (listed in Table 14-5) are configured as inputs except for the
last pad in the chain, which is configured as an output. KBRST#/GEVENT1# is the start of the chain
and SERIRQ is the end of the chain. Table 14-5 lists all pads that are on the SB710 XOR chain,
as well as and their order of connection. Pads are chained together in the shown order, i.e., pad
number 1 is the first pad on the XOR chain, pad number 2 the second, and so on.
1 ( Tie high Internal to Asic)
pin 1
AD6/ROMA12
pin 2
pin 3
pin N
Frame#
XOR out
FANOUT0/ GPIO3
Figure 14-3: On-chip XOR Chain connectivity
Table 14-5: List of Pins on the SB710 XOR Chain and the Order of Connection
XOR # Pin Name
1 KBRST#/GEVENT1#
2 GA20IN/GEVENT0#
3 NB_PWRGD
4 SATA_ACT#/GPIO67
5 LDRQ1#/GNT5#/GPIO68
6 AD20
7 CBE2#
8 REQ2#
9 BMREQ#/REQ5#/GPIO65
10 REQ4#/GPIO71
11 GNT3#/GPIO72
XOR # Pin Name
12 CLKRUN#
13 REQ3#/GPIO70
14 GNT4#/GPIO73
15 INTF#/GPIO34
16 REQ1#
17 GNT1#
18 INTE#/GPIO33
19 INTH#/GPIO36
20 GNT0#
21 INTG#/GPIO35
22 AD31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com