Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 55Page - Advanced Micro Devices SB710 Datasheet HTML 56Page - Advanced Micro Devices SB710 Datasheet HTML 57Page - Advanced Micro Devices SB710 Datasheet HTML 58Page - Advanced Micro Devices SB710 Datasheet HTML 59Page - Advanced Micro Devices SB710 Datasheet HTML 60Page - Advanced Micro Devices SB710 Datasheet HTML 61Page - Advanced Micro Devices SB710 Datasheet HTML 62Page - Advanced Micro Devices SB710 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Functional Description
59
8.11
General Events and GPIOs
Table 8-5 below lists the SMI, SCI, and Wake Events supported by SB710’s GPIO and GEVENT pins.
Table 8-5: SMI, SCI, and Wake Event Support by GPIO and General Event Pins
Pin Name
SMI
Event
SCI
Event
Wake
Event
GPIO2
X
X
X
GPM [0:9]
X
X
X
GEVENTS [2:8]
X
X
X
EXTERNAL EVENTS [0:1]
X
X
X
Table 8-6 shows the state of the GPIO and GEVENT pins in different ACPI states. Note that even if some
GPIOs are in the S5 domain, its functionality may not be maintained in the S5 state.
Table 8-6: Functionality of the General Events and GPIOs across ACPI States
GPIO and G-Events Functionality across ACPI states
GPIO / GEVENT
S0/S1
S2/S3
S4/S5
G3
EXTEVENT0#, EXTEVENT1#
GEVENT# [7:2]
Maintain state
Undefined
GPM [9:0]
Maintain state
Undefined
IMC_GPIO
§
Maintain state
Undefined
GPOC [1:0]
Maintain state
Undefined
GPOC [3:2]
Maintain state
Undefined
GPIO
[0:10,13,15;30,33:45,48:52,65]
Maintain state
Undefined
GPIO[
[11, 12 14, 31, 32, 46, 47,
53:64, 66]
Maintain state
Undefined
Notes:
* All GPIO and GPM pins are software configurable to assume alternate functions. Please refer to the
GPIO section in the AMD SB700/SB710/SB750 Register Reference Guide for information on how to
configure the GPIO pins to alternate functions.
§ If IMC is disabled, the IMC GPIOs maintain state in S4 and S5 only if the register field PMIO_BB[5] is
set to 1. See the AMD SB700/SB710/SB750 Register Reference Guide for a more detailed description of
the register.
8.12
Hardware Monitor Interface
The hardware monitor interface supports voltage sensors, fan control, and digital TSI to AM3 processors.
Pin Name
Type Voltage
Functional Description
Fan control Outputs
FANOUT0/GPIO3
I/O
3.3V (5V
Tolerance)
Fan Output 0 / GPIO 3
FANOUT1/GPIO48
I/O
3.3V (5V
Tolerance)
Fan Output 1 / GPIO 48
FANOUT2/GPIO49
I/O
3.3V (5V
Tolerance)
Fan Output 2 / GPIO 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com