Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices SB710 Datasheet HTML 48Page - Advanced Micro Devices SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices SB710 Datasheet HTML 51Page - Advanced Micro Devices SB710 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
48
Signal Description
Signal Name
Voltage/
Ground
ACPI
STATE
GND reference Note Description
PLLVDD_SATA_1
1.2 V
S0-S2
AVSS_SATA
1
SATA PLL Power
XTLVDD_SATA
3.3 V
S0-S2
AVSS_SATA
1
SATA XTAL Power
VBAT
2.5 - 3.6 V
BAT
-
RTC_GND
-
RTC backup power
AVDD
S5_3.3V
S0-S5 /
S0-S3
AVSS
1, 2 Analog Power for Hardware Monitor
AVDDC
S5_3.3V
S0-S5 /
S0-S3
AVSSC
1, 2 Analog Power for USB PHY PLL
AVDDRX_[5:0]
S5_3.3V
S0-S5 /
S0-S3
AVSS_USB
1, 2 Analog Power for USB PHY RX
AVDDTX_[5:0]
S5_3.3V
S0-S5 /
S0-S3
AVSS_USB
1, 2 Analog Power for USB PHY TX
USB_PHY_1.2V[2:1]
1.2 V
S0-S5 /
S0-S3
AVSS_USB
2
1.2-V USB PHY standby Power
V5_VREF
5 V
S0-S2
VSS
-
5-V Reference voltage for PCI interface
VSS_[50:1]
GND
-
-
-
Digital Ground
AVSSCK
GND
-
-
-
Common Ground for Analog PLLs
PCIE_PVSS
GND
-
-
-
A-Link Express II PLL Ground
PCIE_CK_VSS_[21:1]
GND
-
-
-
A-Link Express II Analog Ground
AVSS_SATA[20:1]
GND
-
-
-
SATA Analog Ground (Plane)
AVSS
GND
-
-
-
Analog Ground for Hardware Monitor.
AVSSC
GND
-
-
-
Analog Ground for USB PHY PLL.
AVSS_USB_[24:1]
GND_USB
-
-
-
Analog Ground for USB PHY
Note 1: These power rails should be filtered.
Note 2: These power rails can be tied to S0-S5 or S0-S3 power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com