Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices SB710 Datasheet HTML 51Page - Advanced Micro Devices SB710 Datasheet HTML 52Page - Advanced Micro Devices SB710 Datasheet HTML 53Page - Advanced Micro Devices SB710 Datasheet HTML 54Page - Advanced Micro Devices SB710 Datasheet HTML 55Page - Advanced Micro Devices SB710 Datasheet HTML 56Page - Advanced Micro Devices SB710 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Functional Description
53
section 7.2
.
The host controller supports memory and IO read/write, DMA read/write, and bus master memory/IO
read/write. It supports up to two bus masters and 7 DMA channels. A bus master or DMA agent uses
LDRQ pin to assert bus master or DMA request. The host controller uses LFRAME# to indicate the start
or termination of a cycle. The following table shows a list of cycles supported by the host controller,
initiator, data flow direction, and their PCI counterparts.
Table 8-4: LPC Cycle List and Data Direction
Cycle
Size (bytes)
Initiator
Data Direction
PCI counterpart
Memory read
1
Host
P-2-Host
MemRead to LPC range
Memory write
1
Host
Host-2-P
MemWrit to LPC range
I/O read
1
Host
P-2-Host
IORead to LPC range
I/O write
1
Host
Host-2-P
IOWrit to LPC range
DMA read
1,2,4
Peripheral
Host-2-P
DMA Cntrl Setup; DMA data fetch
DMA write
1,2,4
Peripheral
P-2-Host
DMA Cntrl Setup; DMA data store
BM Memory
read
1,2,4
Peripheral
Host-2-P
DMA Cntrl Setup; DMA data fetch
BM Memory
write
1,2,4
Peripheral
P-2-Host
DMA Cntrl Setup; DMA data store
BM I/O read
1,2,4
Peripheral
Host-2-P
DMA Cntrl Setup; IO data fetch
BM I/O write
1,2,4
Peripheral
P-2-Host
DMA Cntrl Setup; IO data store
The host controller has a SERIRQ (Serial IRQ) pin, which is used by peripherals that require interrupt
support. All legacy interrupts are serialized on this pin, and then decoded by the host controller and sent
to the interrupt controller for processing. Please refer to the Serial IRQ Specification (Rev 5.4) for detailed
description on serial IRQ protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com