Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 48Page - Advanced Micro Devices SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices SB710 Datasheet HTML 51Page - Advanced Micro Devices SB710 Datasheet HTML 52Page - Advanced Micro Devices SB710 Datasheet HTML 53Page - Advanced Micro Devices SB710 Datasheet HTML 54Page - Advanced Micro Devices SB710 Datasheet HTML 55Page - Advanced Micro Devices SB710 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
52
Functional Description
8.3
LPC ISA Bridge
8.3.1 LPC Interface Overview
The Low Pin Count (LPC) bus interface is a cost-efficient, low-speed interface designed to support low-
speed legacy (ISA, X-bus) devices. The LPC interface essentially eliminates the need of ISA and X-bus in
the system. A typical setup of the system with LPC interface is shown in Figure 8-2 below. Here the ISA
bus is internal to SB710 and is used for connecting to the legacy DMA logic. The LPC controller connects
to the A-Link bus on one side and the LPC and SPI bus on the other side.
Figure 8-2: A Typical LPC Bus System
Examples of LPC devices include Super I/O (floppy-disk controller, keyboard controller), BIOS, audio,
TPM, and system management controller. BIOS ROM can also be populated on the SPI interface.
SB710 can support FWH, LPC, or SPI type BIOS ROM. The ROM selection is determined by two strap
pins during RSMRST# assertion. In addition to the straps, software can change the ROM selection
through programming in the PMIO registers. SB710 SPI interface is designed to allow ROM sharing with
an external device such as an Ethernet MAC to save BOM cost. (Note: Device that shares the ROM
must follow AMD SPI ROM sharing specification).
Figure 8-3: LPC control signals diagram (TBA)
Note that the ISA interface is only used for legacy DMA operation. LPC host controller has the A-Link
interface on one side and LPC interface on the other. Some LPC signals are used for power management
in mobile systems and are therefore optional. A more detailed description of each signal is given in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com