Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 34Page - Advanced Micro Devices SB710 Datasheet HTML 35Page - Advanced Micro Devices SB710 Datasheet HTML 36Page - Advanced Micro Devices SB710 Datasheet HTML 37Page - Advanced Micro Devices SB710 Datasheet HTML 38Page - Advanced Micro Devices SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
38
Signal Description
Pin Name
Type
Voltage
Functional Description
WAKE#/
GEVENT8#
I/O
S5_3.3V
PCI Express Wake /General Event 8
PCI Express Wake: WAKE# signal is required for PCI-E devices.
The PCI-E interface is off the NB, but the ACPI WAKE# is controlled
by SB. This signal is routed from the PCI-E device/slot to the SB.
Note: the WAKE# is in S5 domain so it is active when the system is
in S5 state. Care must be taken when plugging-in in the PCI-E
devices: the system should be transitioned in to G3 state (S5 Power
OFF) before a PCI-E device is installed. Plugging in a PCI-E device
when the system is in S5 state may cause the system to wake up.
That is because the WAKE# signal driven by the PCI-E device may
transition momentarily to active state when the device is installed
but has not been initialized to drive the signal in inactive state.
(Note: Hot plugging of PCI-E devices is not supported in the PC
architecture as, given the physical design of the interface, power will
be interrupted during installation.)
SLP_S2/GPM9#
I/O
S5_3.3V
S2 Sleep control: Assertion of SLP_S2 shuts off clocks when
system transitions to S2 state, and it takes place sometime after
CPU_STP# is asserted.
De-assertion of SLP_S2 turns on clocks when system transition
s
from S2 back to S0, and it takes place sometime after a wake-up
event
has been triggered.
ALLOW_LDTSTP
I/OD
0.8-V
threshold,
S5_3.3V
domain
ALLOW_LDTSTP: It is an input from NB to allow assertion of
LDT_STP#. When ALLOW_LDTSTP is de-asserted, SB710 cannot
assert LDT_STP#. ALLOW_LDTSTP can be used to implement
stutter mode operation for the CPU. Starting with RS78x, NB will
control the LDT_STP# during C state. In this configuration, SB can
drive ALLOW_LDTSTP to inform NB when it can assert LDT_STP#.
NB_PWRGD
OD
3.3 V
Northbridge Power good
7.13
SMBus Interface / General Purpose Open Collector
Pin Name
Type
Voltage
Functional Description
SCL0/GPOC0#
I/OD
3.3 V (5-V Tolerance)
SMBus Clock 0 / General Purpose Open Collector 0
Note: Pin type is I/O when the pin is configured as
GPIO.
SDA0/GPOC1#
I/OD
3.3 V (5-V Tolerance)
SMBus Data 0 / General Purpose Open Collector 1
Note: Pin type is I/O when the pin is configured as
GPIO.
SCL1/GPOC2#
I/OD
S5_3.3V (to support
ASF)
SMBus Clock 1 / General Purpose Open Collector 2
Note: Pin type is I/O when the pin is configured as
GPIO.
SDA1/GPOC3#
I/OD
S5_3.3V (to support
ASF)
SMBus Data 1 / General Purpose Open Collector 3
Note: Pin type is I/O when the pin is configured as
GPIO.
SCL2/IMC_GPIO11
I/OD
S5_3.3V (5-V Tolerance) SMBus Clock 2/IMC GPIO11
Note: Pin type is I/O when the pin is configured as
GPIO.
SDA2/IMC_GPIO12
I/OD
S5_3.3V (5-V Tolerance) SMBus Data 2/IMC GPIO12
Note: Pin type is I/O when the pin is configured as
GPIO.
SCL3/IMC_GPIO13
I/OD
0.8-V threshold,
S5_3.3V domain
SMBus Clock 3/IMC GPIO13
Note: Pin type is I/O when the pin is configured as
GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com