Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 63Page - Advanced Micro Devices SB710 Datasheet HTML 64Page - Advanced Micro Devices SB710 Datasheet HTML 65Page - Advanced Micro Devices SB710 Datasheet HTML 66Page - Advanced Micro Devices SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Electrical Characteristics
67
11.3
DC Characteristics
Table 11-2: DC Characteristics for Power Supplies to the SB710
Signal Name
Description
Min. Voltage
Typical
Voltage
Max. Voltage
Unit
AVDDCK_1.2V
Core PLL digital power
1.14
1.2
1.26
V
PCIE_PVDD
A-Link Express II PLL
power
1.14
1.2
1.26
V
PCIE_VDDR[13:1]
A-Link Express II power
1.14
1.2
1.26
V
PLLVDD_SATA[2:1]
SATA PLL power
1.14
1.2
1.26
V
AVDD_SATA[15:1]
SATA analog power
1.14
1.2
1.26
V
S5_1.2V
Standby power
1.14
1.2
1.26
V
USB_PHY_1.2V[5:1]
USB PHY standby power
1.14
1.2
1.26
V
VDD[12:1]
Core voltage
1.14
1.2
1.26
V
VDD33_18
I/O power
3.13
3.3
3.465
V
XTLVDD_SATA
SATA XTAL power
3.135
3.3
3.465
V
VBAT
RTC backup power
2.5*
3.3
3.6
V
AVDDCK_3.3V
Core PLL analog power
3.135
3.3
3.465
V
AVDDC
Analog power for USB
PHY PLL
3.135
3.3
3.465
V
AVDDRX_[5:0]
Analog power for USB
PHY
3.135
3.3
3.465
V
AVDDTX_[5:0]
Analog power for USB
PHY
3.135
3.3
3.465
V
S5_3.3v[6:1]
Core standby power
3.135
3.3
3.465
V
VDDQ[28:1]
I/O power
3.135
3.3
3.465
V
V5_VREF
5V reference voltage
4.75
5
5.25
V
* Note: For VBAT below 2.5 V, the battery-low error will occur. At 2.0 V, the CMOS content may be lost.
Table 11-3: DC Characteristics for Interfaces on the SB710
Symbol
Parameter
Minimum
Maximum
Unit
Condition
GPIO/
IMC_GPIO
VDDQ
I/O power
3.135
3.46
V
VIL
Input Low Voltage
-0.5
1.3
V
VIH
Input High Voltage
1.8
VDD
V
VOL
Output Low Voltage
-
0.4
V
IOL = 8.0 mA
VOH
Output High Voltage
2.4
-
V
IOH = 8.0 mA
ILI
Input Leakage Current
-
+/-10
µA
CIN
Input Capacitance
-
10
pF
PCI
VDDQ
I/O power
3.135
3.46
V
V5REF
Reference
3.135
5.25
V
VIL
Input Low Threshold
-0.5
0.3VDD
V
VIH
Input High Threshold
0.5VDD
V5REF
V
VOL
Output Low Voltage
-
0.4
V
IOL = 4.0 mA
VOH
Output High Voltage
2.4
-
V
IOH = -4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com