Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices SB710 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
44
Signal Description
Ball Name
(Default Function
in Blue)
Type
Voltage and
Domain
Internal
Resistor
(Default in
Blue)
Default
Type
(Default
State in
Blue)
Functional Description
IMC_PWM0 ◊ /
IMC_GPIO10
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Integrated Microcontroller
(IMC) PWM 0/
IMC GPIO 10
SCL2 ◊ /
IMC_GPIO11
I/O
3.3V_S5
(5-V tolerance)
10-kΩ PU
10-kΩ PD
Input
SMBus Clock 2/
Integrated Microcontroller
(IMC) GPIO 11
SDA2 ◊ /
IMC_GPIO12
I/O
3.3V_S5
(5-V tolerance)
10-kΩ PU
10-kΩ PD
Input
SMBus Data 2/
Integrated Microcontroller
(IMC) GPIO 12
SCL3_LV ◊ /
IMC_GPIO13
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Low Voltage SMBus Clock 3/
Integrated Microcontroller
(IMC) GPIO 13
SDA3_LV ◊ /
IMC_GPIO14
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Low Voltage SMBus Data 3 /
Integrated Microcontroller
(IMC) GPIO 14
IMC_PWM1 ◊ /
IMC_GPIO15
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
Integrated Microcontroller
(IMC) PWM 1/
IMC GPIO 15
IMC_PWM2 ◊ /
IMC_GPO16 §
I/O
3.3V_S5
(5-V tolerance)
10-kΩ PU
10-kΩ PD
Input
Integrated Microcontroller
(IMC) PWM 2/
IMC GPO 16
IMC_PWM3 ◊ /
IMC_GPO17 §
I/O
3.3V_S5
(5-V tolerance)
10-kΩ PU
10-kΩ PD
Input
Integrated Microcontroller
(IMC) PWM 3/
IMC GPO 17
Notes: For information on how to configure the GPIO pins, see the AMD SB700/SB710/SB750 Register
Reference Guide
. Notice that the IMC GPIOs can also be used as general purpose GPIOs.
* The “default function” and the “default state” refer to function and state of the pin after
deassertion of PCI host bus reset (A_RST#), i.e., right after system power up or reset.
◊ The IMC PWM and SMBus functions are not available if the IMC is disabled via the strap setting
on AZ_RST#.
§ To avoid corrupting the ROM type strap settings, IMC_GPO[17:16] must not be driven from an
external source until after RSMRST# had been de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com