Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 56Page - Advanced Micro Devices SB710 Datasheet HTML 57Page - Advanced Micro Devices SB710 Datasheet HTML 58Page - Advanced Micro Devices SB710 Datasheet HTML 59Page - Advanced Micro Devices SB710 Datasheet HTML 60Page - Advanced Micro Devices SB710 Datasheet HTML 61Page - Advanced Micro Devices SB710 Datasheet HTML 62Page - Advanced Micro Devices SB710 Datasheet HTML 63Page - Advanced Micro Devices SB710 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
60
Functional Description
Pin Name
Type Voltage
Functional Description
FANIN0/GPIO50
I/O
3.3V (5V
Tolerance)
Fan Tachometer Input 0 / GPIO 50
FANIN1/GPIO51
I/O
3.3V(5V
Tolerance)
Fan Tachometer Input 1 / GPIO 51
FANIN2/GPIO52
I/O
3.3V(5V
Tolerance)
Fan Tachometer Input 2 / GPIO 52
CLK_REQ1#/SATA_IS4/
FANOUT3/GPIO39
I/O
3.3V
PCI-E Clock Request / SATA Interlock Switch Port 4
(input) / Fan Output 3 / GPIO39
Voltage Sensor inputs
VIN0/GPIO53
I/O
3.3V
Voltage Monitor Input 0 / GPIO 53
VIN1/GPIO54
I/O
3.3V
Voltage Monitor Input 1 / GPIO 54
VIN2/GPIO55
I/O
3.3V
Voltage Monitor Input 2 / GPIO 55
VIN3/GPIO56
I/O
3.3V
Voltage Monitor Input 3 / GPIO 56
VIN4/GPIO57
I/O
3.3V
Voltage Monitor Input 4 / GPIO 57
VIN5/GPIO58
I/O
3.3V
Voltage Monitor Input 5 / GPIO 58
VIN6/GPIO59
I/O
3.3V
Voltage Monitor Input 6 / GPIO 59
VIN7/GPIO60
I/O
3.3V
Voltage Monitor Input 7 / GPIO 60
TSI input ( Shared with SMBUS Clock 3 / Data 3 inputs)
SCL3/IMC_GPIO13
I/O
0.8-V threshold,
S5_3.3V domain
SMBus Clock 3/IMC GPIO13
SDA3/IMC_GPIO14
I/O
0.8-V threshold,
S5_3.3V domain
SMBus Data 3/IMC GPIO14
Analog Power
AVDD
-
3.3V (Analog
Power)
Hardware Monitor Analog PWR
AVSS
-
Analog Ground
Hardware Monitor Analog GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com