Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 3Page - Advanced Micro Devices SB710 Datasheet HTML 4Page - Advanced Micro Devices SB710 Datasheet HTML 5Page - Advanced Micro Devices SB710 Datasheet HTML 6Page - Advanced Micro Devices SB710 Datasheet HTML 7Page - Advanced Micro Devices SB710 Datasheet HTML 8Page - Advanced Micro Devices SB710 Datasheet HTML 9Page - Advanced Micro Devices SB710 Datasheet HTML 10Page - Advanced Micro Devices SB710 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
List of Tables
7
List of Tables
Table 1-1: SB710 Part Numbers ..................................................................................................................................11
Table 3-1: SB710 Power Up/Down Sequence Timing..................................................................................................13
Table 4-1: Standard Straps ..........................................................................................................................................19
Table 4-2: Debug Straps ..............................................................................................................................................20
Table 4-3: Additional Straps.........................................................................................................................................21
Table 5-1: External Resistor Requirements and Integrated Pull-Up/Down...................................................................22
Table 8-1: EHCI Support for Power Management States.............................................................................................50
Table 8-2: EHCI Power State Summary.......................................................................................................................50
Table 8-3: Causes of SMI# and SCI.............................................................................................................................51
Table 8-4: LPC Cycle List and Data Direction..............................................................................................................53
Table 8-5: SMI, SCI, and Wake Event Support by GPIO and General Event Pins ......................................................59
Table 8-6: Functionality of the General Events and GPIOs across ACPI States..........................................................59
Table 9-1: SB710 System Clock Descriptions..............................................................................................................61
Table 9-2: SB710 System Clock Input Frequency Specifications ................................................................................61
Table 9-3: SB710 System Clock Output Frequency Specifications..............................................................................61
Table 9-4: 48MHz USB/SIO Clock AC Specifications ..................................................................................................63
Table 9-5: RTC X1 Clock AC Specifications ................................................................................................................63
Table 9-6: LPC Clock AC Specifications ......................................................................................................................63
Table 9-7: PCI Clock AC Specifications .......................................................................................................................64
Table 9-8: PCI-E Clock AC Specifications ...................................................................................................................64
Table 9-9: RTC 32-KHz Output Clock AC Specifications .............................................................................................64
Table 10-1: State of Each Power Rail during ACPI S1 to S5 States ............................................................................65
Table 11-1: Absolute Maximum Rating ........................................................................................................................66
Table 11-2: DC Characteristics for Power Supplies to the SB710 ...............................................................................67
Table 11-3: DC Characteristics for Interfaces on the SB710........................................................................................67
Table 11-4: GPIO/GEVENT Input DC Characteristics..................................................................................................68
Table 11-5: GPIO/GEVENT Output DC Characteristics...............................................................................................71
Table 11-6: RTC Clock Output DC Characteristics ......................................................................................................71
Table 11-7: Reset Signal Requirements ......................................................................................................................72
Table 11-8: RTC Battery Current Consumption ...........................................................................................................72
Table 12-1: SB710 21 mm x 21 mm 0.8 mm Pitch 528-FCBGA Physical Dimensions ................................................73
Table 13-1 SB710 Thermal Limits................................................................................................................................74
Table 14-1: Signals for the Test Controller of the SB710 .............................................................................................75
Table 14-2: Test Mode Signals ....................................................................................................................................75
Table 14-3: TEST0 Bit Sequence.................................................................................................................................75
Table 14-4: Truth Table for an XOR Chain ..................................................................................................................77
Table 14-5: List of Pins on the SB710 XOR Chain and the Order of Connection.........................................................77
Table 14-6: Pins Excluded from the XOR Chain ..........................................................................................................81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com