Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 37Page - Advanced Micro Devices SB710 Datasheet HTML 38Page - Advanced Micro Devices SB710 Datasheet HTML 39Page - Advanced Micro Devices SB710 Datasheet HTML 40Page - Advanced Micro Devices SB710 Datasheet HTML 41Page - Advanced Micro Devices SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Signal Description
41
7.15
General Purpose I/O
The GPIO pins of the SB710 are multiplexed with other functions. For information on how to configure the
GPIO pins for the desired functions, see the AMD SB700/SB710/SB750 Register Reference Guide.
The table below lists all the GPIO pins on the SB710. The Default Type column shows the state of the pin
(default function) after de-assertion of the PCI host bus reset (A_RST#), which happens after power up or
after system reset. Signals that are in input state after reset will be tri-state (TS) if they do not have any
internal PU (pull up ) or PD (Pull Down). For pins that have PU or PD internally, their states after reset will
depend on the PU or PD: for signals with PU, the state will be HIGH and for signals with PD the state will
be LOW. The PU and PD shown are enabled by default after PCI Reset and can be disabled by System
BIOS.
Ball Name
(Default Function
in Blue)
Type
Voltage and
Domain
Internal
Resistor
(Default in
Blue)
Default
Type
(Default
State in
Blue)
Functional Description
CLK_REQ0#/
SATA_IS3#/
GPIO0
I/O
3.3V_S0
(5-V Tolerance)
10-kΩ PU
10-kΩ PD
Input
Clock Request 0/
Serial ATA Interlock 3/
GPIO 0
SPKR/
GPIO2
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Speaker/
GPIO 2
FANOUT0/
GPIO3
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Fan Output 0/
GPIO 3
SMARTVOLT1/
SATA_IS2#/
GPIO4
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Smartvolt Select 1/
Serial ATA Interlock 2/
GPIO 4
SMARTVOLT2/
SHUTDOWN#/
GPIO5
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Smartvolt Select 2/ System
Shutdown/
GPIO 5
CLK_REQ3#/
SATA_IS1#/
GPIO6
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
TS
Clock Request 3/
Serial ATA Interlock 1/
GPIO 6
DDC1_SDA/
GPIO8
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
DDC1 Serial Data/
GPIO 8
DDC1_SCL/
GPIO9
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
DDC1 Serial Control/
GPIO 9
SATA_IS0#/
GPIO10
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Input
Serial ATA Interlock 0/
GPIO 10
SPI_DO/
GPIO11
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
SPI ROM Data Out/
GPIO 11
SPI_DI/
GPIO12
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Input
SPI ROM Data In/
GPIO 12
LAN_RST#/
GPIO13
I/O
3.3V_S0
(5-V Tolerance)
8.2-kΩ PU
8.2-kΩ PD
Output
Low
LAN Reset/
GPIO 13
ROM_RST#/
GPIO14
I/O
3.3V_S5
10-kΩ PU
10-kΩ PD
Output
Low
SPI ROM Reset/
GPIO 14
IDE_D[6:0]/
GPIO[21:15]
I/O
3.3V_S0
(5-V Tolerance)
27-Ω series
Output
High
IDE data [6:0]/
GPIO [21:15]
IDE_D7/
GPIO22
I/O
3.3V_S0
(5-V Tolerance)
27-Ω series
10-kΩ PD
Output
High
IDE data 7/
GPIO 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com