Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 69Page - Advanced Micro Devices SB710 Datasheet HTML 70Page - Advanced Micro Devices SB710 Datasheet HTML 71Page - Advanced Micro Devices SB710 Datasheet HTML 72Page - Advanced Micro Devices SB710 Datasheet HTML 73Page - Advanced Micro Devices SB710 Datasheet HTML 74Page - Advanced Micro Devices SB710 Datasheet HTML 75Page - Advanced Micro Devices SB710 Datasheet HTML 76Page - Advanced Micro Devices SB710 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
Package Information
73
12 Package Information
12.1
Physical Dimensions
Figure 12-1: SB710 21 mm x 21 mm 0.8 mm Pitch 528-FCBGA Package Outline
Table 12-1: SB710 21 mm x 21 mm 0.8 mm Pitch 528-FCBGA Physical Dimensions
Ref.
Min(mm)
Nominal (mm)
Max. (mm)
c
0.56
0.66
0.76
A
1.77
1.92
2.07
A1
0.30
0.40
0.50
A2
0.81
0.86
0.91
b
0.40
0.50
0.60
D1
20.85
21.00
21.15
D2
-
6.47
-
D3
2.00
-
-
D4
1.00
-
-
E1
20.85
21.00
21.15
E2
-
6.68
-
E3
2.00
-
-
E4
1.00
-
-
F1
-
19.20
-
F2
-
19.20
-
e (min. pitch)
-
0.80
-
ddd
-
-
0.20
Note: Maximum height of SMT components is 0.650 mm.
MOD-00067-RevA-p1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com