Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 42Page - Advanced Micro Devices SB710 Datasheet HTML 43Page - Advanced Micro Devices SB710 Datasheet HTML 44Page - Advanced Micro Devices SB710 Datasheet HTML 45Page - Advanced Micro Devices SB710 Datasheet HTML 46Page - Advanced Micro Devices SB710 Datasheet HTML 47Page - Advanced Micro Devices SB710 Datasheet HTML 48Page - Advanced Micro Devices SB710 Datasheet HTML 49Page - Advanced Micro Devices SB710 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
AMD SB710 Databook
45215 Rev. 1.60 November 09
46
Signal Description
7.17
Reset / Clocks / ATE
Note: Clock generator function is NOT SUPPORTED by the SB710.
Pin Name
Type
Voltage
Functional Description
A_RST#
O
S5_3.3V
PCI Host Bus Reset. Asserted during transition to S3/S4/S5
to reset all devices in the SB710 or connected to it, except
the ACPI logic in the SB710
14M_X1
I
AVDDCK_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
14M_X2
O
AVDDCK_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
PCIE_RCLKP/
NB_LNK_CLKP
I/O
CKVDD_1.2
Positive phase 100-MHz reference clock (positive) for
SB710.
PCIE_RCLKN/
NB_LNK_CLKN
I/O
CKVDD_1.2
Negative phase 100-MHz reference clock (negative) for
SB710.
GPP_CLK[3:0]P
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
GPP_CLK[3:0]N
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
CLK_REQ0#/SATA_IS3#/
GPIO0
I
3.3 V
PCI-E clock request 0
CLK_REQ1#/SATA_IS4#/
FANOUT3/GPIO39
I
3.3 V
PCI-E clock request 1
CLK_REQ2#/SATA_IS5#/
FANIN3/GPIO40
I
3.3 V
PCI-E clock request 2
CLK_REQ3#/SATA_IS1#/
GPIO6
I
3.3 V
PCI-E clock request 3
25M_48M_66M_OSC
O
S5_VDD33
14 MHz reference clock input
NB_DISP_CLKP
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
NB_DISP_CLKN
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
CPU_HT_CLKP
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
CPU_HT_CLKN
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
NB_HT_CLKP
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
NB_HT_CLKN
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
SLT_GFX_CLKP
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
SLT_GFX_CLKN
O
CKVDD_1.2
Reserved. See the AMD SB700/SB710/SB750 Schematic
Review Checklist
for how to connect.
USBCLK/
14M_25M_48M_OSC
I/O
S5_3.3V
48-MHz input clock used for USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com