Electronic Components Datasheet Search
  English  ▼

X  

SB710 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # SB710
Description  AMD SB710 Databook
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SB710 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button SB710 Datasheet HTML 61Page - Advanced Micro Devices SB710 Datasheet HTML 62Page - Advanced Micro Devices SB710 Datasheet HTML 63Page - Advanced Micro Devices SB710 Datasheet HTML 64Page - Advanced Micro Devices SB710 Datasheet HTML 65Page - Advanced Micro Devices SB710 Datasheet HTML 66Page - Advanced Micro Devices SB710 Datasheet HTML 67Page - Advanced Micro Devices SB710 Datasheet HTML 68Page - Advanced Micro Devices SB710 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
45215
Rev. 1.60 November 09
AMD SB710 Databook
States of Power Rails during ACPI S1 to S5 States
65
10 States of Power Rails during ACPI S1 to S5 States
SB710 supports the ACPI states S1 to S5. Table 10-1 below shows the expected state of each power rail
during these power states.
Table 10-1: State of Each Power Rail during ACPI S1 to S5 States
ACPI STATE
Pin name
Schematic
Signal
S0
S1/S2
S3
S4/S5
VDDQ
+3.3_SB_R
+3.3 V
+3.3 V
0 V
0 V
VDD
+1.2_SB_R
+1.2 V
+1.2 V
0 V
0 V
S5_1.2V
S5 Power
+1.2 V
+1.2 V
+1.2 V
+1.2 V
VDD33_18
VDD33_18
3.3V
3.3V
0 V
0 V
AVDDC
Analog USB
2.0 Power
+3.3 V
+3.3 V
+3.3 V
+3.3 / 0 V
AVDDTX_[5:0]
/AVDDRX_[5:0]
USB_AVDD
+3.3 V
+3.3 V
+3.3 V
+3.3 / 0 V
USB_PHY_1.2V
USB Phy
digital power
+1.2 V
+1.2 V
+1.2 V
+1.2 / 0 V
AVDD_SATA
SATA Power
+1.2 V
+1.2 V
0 V
0 V
PLLVDD_SATA
SATA PLL
Power
+1.2 V
+1.2 V
0 V
0 V
XTLVDD_SATA
SATA XTAL
Power
+3.3 V
+3.3 V
0 V
0 V
V5_VREF
+5-V Ref
Voltage
+5.0 V
+5.0 V
0 V
0 V
AVDDCK_3.3V
PLL Analog
Power
+3.3 V
+3.3 V
0 V
0 V
AVDDCK_1.2V
PLL Digital
Power
+1.2 V
+1.2 V
0 V
0 V
S5_3.3V
S5 I/O
Power
+3.3 V
+3.3 V
+3.3 V
+3.3 V
PCIE_PVDD
PCI Express
PLL Power
+1.2 V
+1.2 V
0 V
0 V
PCIE_VDDR
PCI Express
I/O Power
+1.2 V
+1.2 V
0 V
0 V
SLP_S3#
SLP_S3#
+3.3 V
+3.3 V
0 V
0 V
SLP_S5#
SLP_S5#
+3.3 V
+3.3 V
+3.3 V
0 V
PWR_GOOD
SB_PWROK
+3.3 V
+3.3 V
0 V
0 V
SUS_STAT#
SUS_STAT#
+3.3 V
0 V
0 V
0 V
RSMRST#
RSMRST#
+3.3 V
+3.3 V
+3.3 V
+3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com