Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 27Page - NXP Semiconductors FXLS90130 Datasheet HTML 28Page - NXP Semiconductors FXLS90130 Datasheet HTML 29Page - NXP Semiconductors FXLS90130 Datasheet HTML 30Page - NXP Semiconductors FXLS90130 Datasheet HTML 31Page - NXP Semiconductors FXLS90130 Datasheet HTML 32Page - NXP Semiconductors FXLS90130 Datasheet HTML 33Page - NXP Semiconductors FXLS90130 Datasheet HTML 34Page - NXP Semiconductors FXLS90130 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VCC_BUF_min ≤ (VBUS_I – VSS) ≤ VCC_BUF_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
10818
SPI Data Latency
tLAT_SPI
—
—
1
µs
7, 8
Pin Capacitance (MISO, MOSI, SCLK, SS_B to VSS)
CSPI_PIN
—
—
10
pF
7
Table 36. Dynamic electrical characteristics - SPI...continued
10.14 Dynamic electrical characteristics - I2C
VCC_BUF_min ≤ (VBUS_I – VSS) ≤ VCC_BUF_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Clock (SCL) Period (30 % of VCC to 30 % of VCC)
10819
100 kHz Mode
tSCLK_100
9.50
—
—
µs
6
10820
400 kHz Mode
tSCLK_400
2.37
—
—
µs
6
10821
1000 kHz Mode
tSCLK_1000
1.00
—
—
µs
6
Clock (SCL) High Time (70 % of VCC to 70 % of VCC)
10823
100 kHz Mode
tSCLH_100
4.00
—
—
µs
6
10837
400 kHz Mode
tSCLH_400
0.60
—
—
µs
6
10836
1000 kHz Mode (note: not compliant with UM10204[1]
tSCLH_1000
0.50
—
—
µs
6
Clock (SCL) Low Time (30 % of VCC to 30 % of VCC)
10835
100 kHz Mode
tSCLL_100
4.70
—
—
µs
6
10839
400 kHz Mode
tSCLL_400
1.30
—
—
µs
6
10838
1000 kHz Mode
tSCLL_1000
0.50
—
—
µs
6
Clock (SCL) and Data (SDA) Rise Time (30 % of VCC to 70 % of VCC)
10834
100 kHz Mode
tSRISE_100
—
—
1000
ns
6
10841
400 kHz Mode
tSRISE_400
—
—
300
ns
6
10840
1000 kHz Mode
tSRISE_1000
—
—
120
ns
6
Clock (SCL) and Data (SDA) Fall Time (70 % of VCC to 30 % of VCC)
10833
100 kHz Mode
tSFALL_100
—
—
300
ns
6
10844
400 kHz Mode
tSFALL_400
—
—
300
ns
6
10843
1000 kHz Mode
tSFALL_1000
—
—
120
ns
6
Data Input Setup Time (SDA = 30/70 % of VCC to SCL = 30 % of VCC)
10832
100 kHz Mode
tSETUP_100
250
—
—
ns
6
10846
400 kHz Mode
tSETUP_400
100
—
—
ns
6
10845
1000 kHz Mode
tSETUP_1000
50
—
—
ns
6
Data Input Hold Time (SCL = 70 % of VCC to SDA = 30/70 % of VCC)
10831
100 kHz Mode
tHOLD_100
0
—
900
ns
6
10848
400 kHz Mode
tHOLD_400
0
—
900
ns
6
10847
1000 kHz Mode
tHOLD_1000
0
—
300
ns
6
Table 37. Dynamic electrical characteristics - I2C
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
31 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com