Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 4 Page - NXP Semiconductors

  FXLS90130 Datasheet HTML 1Page - NXP Semiconductors FXLS90130 Datasheet HTML 2Page - NXP Semiconductors FXLS90130 Datasheet HTML 3Page - NXP Semiconductors FXLS90130 Datasheet HTML 4Page - NXP Semiconductors FXLS90130 Datasheet HTML 5Page - NXP Semiconductors FXLS90130 Datasheet HTML 6Page - NXP Semiconductors FXLS90130 Datasheet HTML 7Page - NXP Semiconductors FXLS90130 Datasheet HTML 8Page - NXP Semiconductors FXLS90130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
6 Application diagrams
6.1 DSI3 application diagrams
6.1.1 DSI3 discovery mode application diagram
VBUF
VSS
BUS_I
Optional
Bus Termination
BUSRTN
IDATA
BUS_O
BUSIN
BUSRTN
C2
C1
C4
R1
C3
BUSOUT
aaa-030552
Figure 2. DSI3 discovery mode application diagram
Ref
Des
Type
Typical value
description
Component value selection and range
Comment
R1
General
purpose
330 Ω, 5 %,
200 PPM
The system level communication, EMC, and
ESD testing determine the optimal value of this
component.
Optional bus termination for high inductance bus
wire connections. For optimal EMC performance,
this component along with C4 are to be placed as
close to the BUS_I and BUSRTN connector pins
as possible.
C1
Ceramic
220 pF,
10 %, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For optimal EMC performance, this component
along with R1 are to be placed as close to the
BUS_I and BUSRTN connector pins as possible.
C2
Ceramic
0.47 µF,
10 %, 10 V
minimum,
X7R
The optimal value of this component should be
determined based on the system level micro-cut
immunity requirement. To achieve the specified
power supply rejection, the minimum value
including all tolerances is 0.22 µF. The maximum
specified value including all tolerances is 2 µF.
For optimal EMC performance, this component is
to be placed as close to the VBUF and BUSRTN
pins as possible.
C3
Ceramic
100 pF,
10 %, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For optimal EMC performance, this component
is to be placed as close to the BUS_O and
BUSRTN connector pins as possible.
C4
Ceramic
2.2 nF,
10 %, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
Optional bus termination for high inductance bus
wire connections. For optimal EMC performance,
this component along with R1 are to be placed as
close to the BUS_I and BUSRTN connector pins
as possible.
Note:
The total bus capacitance must not exceed the values specified in the DSI3[2] standard.
The external components are dependent on the bus master and bus impedance and may vary from application to application.
Table 3. DSI3 discovery mode external component recommendations
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
4 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com