Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 30Page - NXP Semiconductors FXLS90130 Datasheet HTML 31Page - NXP Semiconductors FXLS90130 Datasheet HTML 32Page - NXP Semiconductors FXLS90130 Datasheet HTML 33Page - NXP Semiconductors FXLS90130 Datasheet HTML 34Page - NXP Semiconductors FXLS90130 Datasheet HTML 35Page - NXP Semiconductors FXLS90130 Datasheet HTML 36Page - NXP Semiconductors FXLS90130 Datasheet HTML 37Page - NXP Semiconductors FXLS90130 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
10.16 Dynamic electrical characteristics - signal chain
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Offset Cancellation Low-Pass Filter
10863
Sample Time, Phase 0
t0CSAMP0
—
256
—
µs
7, 8
10874
Cutoff Frequency, Phase 0, 1-Pole
fOC0
—
163.8
—
Hz
7, 8
10875
Time in Phase 0
tOC0
—
4.096
—
ms
7, 8
Offset Cancellation Low-Pass Filter
10888
Sample Time, Phase 1
t0CSAMP1
—
256
—
µs
7, 8
10889
Cutoff Frequency, Phase 1, 1-Pole
fOC1
—
40.96
—
Hz
7, 8
10890
Time in Phase 1
tOC1
—
4.096
—
ms
7, 8
Offset Cancellation Low-Pass Filter
10885
Sample Time, Phase 2
t0CSAMP2
—
256
—
µs
7, 8
10886
Cutoff Frequency, Phase 2, 1-Pole
fOC2
—
10.24
—
Hz
7, 8
10887
Time in Phase 2
tOC2
—
16.388
—
ms
7, 8
Offset Cancellation Low-Pass Filter
10900
Sample Time, Phase 3
t0CSAMP3
—
256
—
µs
7, 8
10901
Cutoff Frequency, Phase 3, 1-Pole
fOC3
—
2.560
—
Hz
7, 8
10902
Time in Phase 3
tOC3
—
65.53
—
ms
7, 8
Offset Cancellation Low-Pass Filter
10897
Sample Time, Phase 4
t0CSAMP4
—
256
—
µs
7, 8
10898
Cutoff Frequency, Phase 4, 1-Pole
fOC4
—
0.6400
—
Hz
7, 8
10899
Time in Phase 4
tOC4
—
262.19
—
ms
7, 8
Offset Cancellation Low-Pass Filter
10894
Sample Time, Phase 5
t0CSAMP5
—
256
—
µs
7, 8
10895
Cutoff Frequency, Phase 5, 1-Pole
fOC5
—
0.1600
—
Hz
7, 8
10896
Time in Phase 5
tOC5
—
1049
—
ms
7, 8
Offset Cancellation Low-Pass Filter
39811
Sample Time, Phase 6a
t0CSAMP6a
—
256
—
µs
7, 8
39812
Cutoff Frequency, Phase 6a, 1-Pole
*
fOC6a
—
0.0400
—
Hz
7, 8
Offset Cancellation Low-Pass Filter
39813
Sample Time, Phase 6b
t0CSAMP6b
—
1024
—
µs
7, 8
39814
Cutoff Frequency, Phase 6b, 1-Pole
*
fOC6b
—
0.005
—
Hz
7, 8
Offset Cancellation Output Rate Limiting (0.04 Hz Offset LPF only)
10882
Rate Limiting Output Update Time
tRL_Rate
—
2
—
s
7, 8, 9
10903
Rate Limiting Output Step Size (10 bit)
OFFStep10
—
0.5
—
LSB
7, 8, 9
Rate Limiting Output Step Size (16 bit, PSI5, SPI)
OFFStep16
—
32
—
LSB
7, 8
Table 39. Dynamic electrical characteristics - signal chain
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
34 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com