Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 82Page - NXP Semiconductors FXLS90130 Datasheet HTML 83Page - NXP Semiconductors FXLS90130 Datasheet HTML 84Page - NXP Semiconductors FXLS90130 Datasheet HTML 85Page - NXP Semiconductors FXLS90130 Datasheet HTML 86Page - NXP Semiconductors FXLS90130 Datasheet HTML 87Page - NXP Semiconductors FXLS90130 Datasheet HTML 88Page - NXP Semiconductors FXLS90130 Datasheet HTML 89Page - NXP Semiconductors FXLS90130 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
OC_LIMIT[2:0]
Post PSI5 self-test offset limits
0x6
± 12 LSB, 10-bit
0x7
± 14 LSB, 10-bit
Table 152. Offset cancellation test limit bits (OC_LIMIT[2:0])...continued
11.2.27.3 DSP disable bit (DSP_DIS)
The DSP disable bit provides the option for the user to disable the clocking to the DSP if
sensor data from the associated channel is not used.
DSP_DIS
DSP status
0
DSP operational as specified
1
DSP clocking disabled. Sensor data is readable but will not be updated by the DSP
even when self-test is enabled
Table 153. DSP disable bit (DSP_DIS)
Care must be taken to ensure the DSP is not disabled for sources that are enabled.
11.2.28 Channel 0 arming configuration register (CH0_ARM_CFG)
The arming configuration register contains configuration information for the arming
function. The values in this register are only relevant if the arming function is operating in
moving average mode, or count mode.
Note: The arming function is reset on a change to the CHx_ARM_CFG bits. This
includes the downsampling state and all history registers.
This register can be written during initialization but is locked once the ENDINIT bit is set.
Refer to Section 11.2.6. The register is included in the read/write array error detection.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$45
CH0_ARM_CFG
ARM_DS[1:0]
ARM_PS[1:0]
ARM_WS_N[1:0]
ARM_WS_P[1:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 154. Channel 0 arming configuration register (CH0_ARM_CFG)
11.2.28.1 Arming function down sampling selection bits (ARM_DS[1:0])
The arming function down sampling selection bits select the down sample rate for the
arming function. See Section 11.9.4.
ARM_
DS[1]
ARM_
DS[0]
Down sampling
0
0
Provide every Sensor Data Request sample to the arming function.
0
1
Provide every other Sensor Data Request sample to the arming function.
1
0
Provide every fourth Sensor Data Request sample to the arming function.
1
1
Provide every eighth Sensor Data Request sample to the arming function.
Table 155. Arming function down sampling selection bits (ARM_DS[1:0])
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
86 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com