Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 69Page - NXP Semiconductors FXLS90130 Datasheet HTML 70Page - NXP Semiconductors FXLS90130 Datasheet HTML 71Page - NXP Semiconductors FXLS90130 Datasheet HTML 72Page - NXP Semiconductors FXLS90130 Datasheet HTML 73Page - NXP Semiconductors FXLS90130 Datasheet HTML 74Page - NXP Semiconductors FXLS90130 Datasheet HTML 75Page - NXP Semiconductors FXLS90130 Datasheet HTML 76Page - NXP Semiconductors FXLS90130 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
• If the last command prior to a BDM command is a BRC0, a device programmed to
respond only to BRC0 commands will not respond to the first BDM command and will
then respond to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC0, a device programmed to
respond only to BRC1 commands will respond to the first BDM command, and will then
response to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC1, a device programmed to
respond only to BRC0 commands will respond to the first BDM command, and will then
response to every other BDM command until the next BRC command is received.
• If the last command prior to a BDM command is a BRC1, a device programmed to
respond only to BRC1 commands will not respond to the first BDM command and will
then respond to every other BDM command until the next BRC command is received.
In PSI5 mode, the BRC_RSP[1:0] bits are readable and writable, but have no impact on
device operation or performance.
In SPI and I2C mode, the BRC_RSP[1:0] bits are readable and writable, but have no
impact on device operation or performance.
11.2.19 DSI3 and PSI5 command blocking time registers (PDCM_CMD_B_x)
The DSI3 and PSI5 command blocking registers are user programmed read/write
registers which contain user-specific con-figuration information for DSI3 mode and PSI5
mode. These registers are included in the read/write array error detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$38
PDCM_
CMD_B_L
PDCM_CMD_B[7:0]
$39
PDCM_
CMD_B_H
RESERVED
RESERVED
RESERVED
PDCM_CMD_B[12:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 124. DSI3 and PSI5 command blocking time registers (PDCM_CMD_B_x)
In DSI3 mode, the DSI3 periodic data collection mode command blocking time bits
set the periodic data collection mode command blocking time in 1.0 µs increments,
with zero as the default value of 450 µs. For proper communication, the command
blocking time must exceed the completion of the last source response transmission. See
Section 12.1.1 for details regarding the command receiver and command blocking.
Care must be taken to prevent from programming command blocking times which
prevent proper command decoding in the system and to ensure proper sampling of the
VHIGH voltage. As shown in Section 12.1.1, Figure 63, the VHIGH voltage is initially
captured at the end of the command blocking time and then filtered. The user must
ensure that the command blocking end time is set for a time when no command or
response transmissions are occurring to provide the most stable BUS_I voltage.
PDCM_CMD_B[12:0] Sync pulse blocking time
0
450 µs
Non-Zero
Sync Pulse Blocking Time = PDCM_CMD_B x 1 µs
Table 125. DSI3 mode: Command blocking time bits
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
73 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com