Electronic Components Datasheet Search
  English  ▼

X  

FXLS90130 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FXLS90130
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90130 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FXLS90130 Datasheet HTML 65Page - NXP Semiconductors FXLS90130 Datasheet HTML 66Page - NXP Semiconductors FXLS90130 Datasheet HTML 67Page - NXP Semiconductors FXLS90130 Datasheet HTML 68Page - NXP Semiconductors FXLS90130 Datasheet HTML 69Page - NXP Semiconductors FXLS90130 Datasheet HTML 70Page - NXP Semiconductors FXLS90130 Datasheet HTML 71Page - NXP Semiconductors FXLS90130 Datasheet HTML 72Page - NXP Semiconductors FXLS90130 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
11.2.17.1 Sync pulse pull-down enable bit (SYNC_PD)
In PSI5 mode, the sync pulse pull-down enable bit selects if the Sync pulse pull-down
is enabled once a sync pulse is detected. See Section 11.2.18.1 for more information
regarding the sync pulse pulldown.
SYNC_PD
Sync pulse pull-down
0
Disabled
1
Enabled for all PSI5 operating modes
Table 113. Sync pulse pull-down enable bit (SYNC_PD)
In DSI3 mode, the SYNC_PD bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the SYNC_PD bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.2 PSI5 daisy chain selection bit (DAISY_CHAIN)
In PSI5 mode, the transmission mode selection bits select the PSI5 transmission mode
as shown in Table 114.
DAISY_
CHAIN
Operating mode
Response (PDCM_
RSTST0)
Reference
0
Normal Mode (Asynchronous or Parallel,
Synchronous)
SNSDATA0
Section 13.5
1
Daisy Chain Mode
SNSDATA0
Section 13.7
Table 114. PSI5 daisy chain selection bit (DAISY_CHAIN)
In DSI3 mode, the DAISY_CHAIN bit is readable and writable, but has no impact on
device operation or performance.
In SPI and I2C mode, the DAISY_CHAIN bit is readable and writable, but has no impact
on device operation or performance.
11.2.17.3 PSI5 low response current selection bit (PSI5_ILOW)
In PSI5 mode, the PSI5 low response current selection bit selects the low PSI5 response
current specified in Section 10.4 as shown in Table 115.
PSI5_ILOW
PSI5 response current
0
Normal Response Current
1
Low Response Current
Table 115. PSI5 low response current selection bit (PSI5_ILOW)
In DSI3 mode, the PSI5_ILOW bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the PSI5_ILOW bit is readable and writable, but has no impact on
device operation or performance.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
69 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com